Electronic Components Datasheet Search
  English  ▼

X  

ST25TA16K Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25TA16K
Description  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25TA16K Datasheet HTML 29Page - STMicroelectronics ST25TA16K Datasheet HTML 30Page - STMicroelectronics ST25TA16K Datasheet HTML 31Page - STMicroelectronics ST25TA16K Datasheet HTML 32Page - STMicroelectronics ST25TA16K Datasheet HTML 33Page - STMicroelectronics ST25TA16K Datasheet HTML 34Page - STMicroelectronics ST25TA16K Datasheet HTML 35Page - STMicroelectronics ST25TA16K Datasheet HTML 36Page - STMicroelectronics ST25TA16K Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID027786 Rev 1
33/45
ST25TA16K
RF command sets
42
Table 42 defines the R-APDU of the read binary command.
5.8.2
EnablePermanentState command
The command configures the NDEF file to the ReadOnly or to the WriteOnly State.
This command can update the right access to the NDEF file by writing into the EEPROM. In
this case, the response timing will be around 6 ms.
Table 43 defines the EnablePermanentState requirement command.
Table 44 defines the R-APDU of the EnablePermanentState command.
Table 42. R-APDU of the ExtendedReadBinary command
Data
SW1
SW2
Comment
Length
Le bytes
1 byte
1 byte
-
Value
Content read
0x90
0x00
Command completed
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Value
-
0x6E
0x00
Class not supported
Table 43. EnablePermanentState command format
Name
CLA
INS
P1 & P2
Lc
Data
Le
Length
0xA2
0x28
2 bytes
-
-
-
Class byte
Instruction code
New security attributes
0x0001: Enable the read protection of the NDEF file
0x0002: Enable the write protection of the NDEF file
Other: RFU
-
-
-
-
Table 44. R-APDU table of the EnablePermanentState command
Data
SW1
SW2
comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x65
0x81
Update failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com