Electronic Components Datasheet Search
  English  ▼

X  

ST25TA512 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25TA512
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 33Page - STMicroelectronics ST25TA512 Datasheet HTML 34Page - STMicroelectronics ST25TA512 Datasheet HTML 35Page - STMicroelectronics ST25TA512 Datasheet HTML 36Page - STMicroelectronics ST25TA512 Datasheet HTML 37Page - STMicroelectronics ST25TA512 Datasheet HTML 38Page - STMicroelectronics ST25TA512 Datasheet HTML 39Page - STMicroelectronics ST25TA512 Datasheet HTML 40Page - STMicroelectronics ST25TA512 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
DocID027776 Rev 1
37/50
ST25TA512
RF command sets
47
Table 43 defines the R-APDU of the read binary command.
Note:
Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.8.2
EnablePermanentState command
The command configures the NDEF file to the ReadOnly or to the WriteOnly State.
This command can update the right access to the NDEF file by writing into the EEPROM. In
this case, the response timing will be around 6 ms.
Table 44 defines the EnablePermanentState requirement command.
Table 45 defines the R-APDU of the EnablePermanentState command.
Table 43. R-APDU of the ExtendedReadBinary command
Data
SW1
SW2
comment
Length
Le bytes
1 byte
1 byte
-
Value
Content read
0x90
0x00
Command completed
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Table 44. EnablePermanentState command format
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0xA2
0x28
2 bytes
-
-
-
Class byte
Instruction code
New security attributes
0x0001: Lock the NDEF file in read mode
0x0002: Lock the NDEF file in write mode
Other: RFU
(empty field)
(empty field)
(empty field)
Table 45. R-APDU table of the EnablePermanentState command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x65
0x81
Update failed
Value
-
0x69
0x82
Security status not satisfied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com