Electronic Components Datasheet Search
  English  ▼

X  

STB46N30M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB46N30M5
Description  Excellent switching performance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB46N30M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STB46N30M5 Datasheet HTML 1Page - STMicroelectronics STB46N30M5 Datasheet HTML 2Page - STMicroelectronics STB46N30M5 Datasheet HTML 3Page - STMicroelectronics STB46N30M5 Datasheet HTML 4Page - STMicroelectronics STB46N30M5 Datasheet HTML 5Page - STMicroelectronics STB46N30M5 Datasheet HTML 6Page - STMicroelectronics STB46N30M5 Datasheet HTML 7Page - STMicroelectronics STB46N30M5 Datasheet HTML 8Page - STMicroelectronics STB46N30M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STB46N30M5
4/17
DocID026126 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 5. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
(VGS = 0)
ID = 1 mA
300
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 300 V
1
µA
VDS = 300 V, TC=125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
±100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 26.5 A
0.037
0.04
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
4240
-
pF
Coss
Output capacitance
-
205
-
pF
Crss
Reverse transfer
capacitance
-9.5
-
pF
Co(tr)
(1)
1.
Co(tr) is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS.
Equivalent
capacitance time
related
VDS = 0 to 240 V, VGS = 0
-373
-
pF
Co(er)
(2)
2.
Co(er) is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS.
Equivalent
capacitance energy
related
-202
-
pF
Rg
Gate input resistance
f = 1 MHz, gate DC
Bias = 0,
test signal level = 20 mV,
ID = 0
-1.4
-
Ω
Qg
Total gate charge
VDD = 240 V, ID = 24 A,
VGS = 10 V
(see Figure 16)
-95
-
nC
Qgs
Gate-source charge
-
23
-
nC
Qgd
Gate-drain charge
-
37
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com