Electronic Components Datasheet Search
  English  ▼

X  

STBB3JCC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 5Page - STMicroelectronics STBB3JCC Datasheet HTML 6Page - STMicroelectronics STBB3JCC Datasheet HTML 7Page - STMicroelectronics STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics STBB3JCC Datasheet HTML 10Page - STMicroelectronics STBB3JCC Datasheet HTML 11Page - STMicroelectronics STBB3JCC Datasheet HTML 12Page - STMicroelectronics STBB3JCC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID025425 Rev 5
9/27
STBB3JCC
Electrical characteristics
ILKFB
FB pin leakage current
VFB = 5.5 V
9
µA
Control stage
VIL
Low-level input voltage
(EN, MODE pins)
0.4
V
VIH
High-level input voltage
(EN, MODE pins)
1.2
V
ILK-I
Input leakage current
(EN, MODE pins)
VEN = VMODE = 5.5 V
0.01
1
µA
TON
Turn on-time(2)
VEN from low to high,
IOUT = 10 mA
260
300
µs
Power switches
RDS(on)
P-channel on-resistance
100
300
m
Ω
N-channel on-resistance
100
300
m
Ω
ILKG-P
P-channel leakage
current
VIN = VOUT = 5.5 V; VEN = 0
1
µA
ILKG-N
N-channel leakage
current
VSW1 = VSW2 = 5.5 V;
VEN = 0
1µA
1.
Not tested in production. This value is guaranteed by correlation with RDS(on), peak current limit and
operating input voltage.
2.
Not tested in production.
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com