Electronic Components Datasheet Search
  English  ▼

X  

STD10NF30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD10NF30
Description  Very low intrinsic capacitances
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10NF30 Datasheet(HTML) 1 Page - STMicroelectronics

  STD10NF30 Datasheet HTML 1Page - STMicroelectronics STD10NF30 Datasheet HTML 2Page - STMicroelectronics STD10NF30 Datasheet HTML 3Page - STMicroelectronics STD10NF30 Datasheet HTML 4Page - STMicroelectronics STD10NF30 Datasheet HTML 5Page - STMicroelectronics STD10NF30 Datasheet HTML 6Page - STMicroelectronics STD10NF30 Datasheet HTML 7Page - STMicroelectronics STD10NF30 Datasheet HTML 8Page - STMicroelectronics STD10NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
March 2014
DocID026136 Rev 1
1/16
STD10NF30
Automotive-grade N-channel 300 V, 10 A, 0.28
Ω typ.,
MESH OVERLAY™ Power MOSFET in a DPAK package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Gate charge minimized
• Very low intrinsic capacitances
Applications
• Switching applications
Description
This Power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY™ process. The result is a product that
matches or improves on the performance of
comparable standard parts from other
manufacturers.
DPAK
1
3
TAB
Order code
VDS
RDS(on)max.
ID
STD10NF30
300 V
0.33
Ω
10 A
Table 1. Device summary
Order code
Marking
Packages
Packaging
STD10NF30
10NF30
DPAK
Tape and reel
www.st.com


Similar Part No. - STD10NF30

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD10NF30 DOINGTER-STD10NF30 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD10NF30

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPM2-1200-0080B CREE-CPM2-1200-0080B Datasheet
661Kb / 6P
High Speed Switching with Low Capacitances
logo
STMicroelectronics
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
Very low intrinsic capacitance
21-Dec-2011
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
Very low intrinsic capacitance
27-Aug-2013
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
Very low intrinsic capacitance
03-Sep-2013
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
765Kb / 16P
Very low intrinsic capacitance
13-Apr-2015
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
Very low intrinsic capacitance
27-Jul-2011
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
17-Jul-2013
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
26-Jun-2013
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
Very low intrinsic capacitance
24-Jun-2013
logo
Shenzhen Foster Semicon...
FIR20N65AFG FOSTER-FIR20N65AFG Datasheet
2Mb / 8P
Low Intrinsic Capacitances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com