Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # C164CI
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 4 Page - Infineon Technologies AG

  C164CI Datasheet HTML 1Page - Infineon Technologies AG C164CI Datasheet HTML 2Page - Infineon Technologies AG C164CI Datasheet HTML 3Page - Infineon Technologies AG C164CI Datasheet HTML 4Page - Infineon Technologies AG C164CI Datasheet HTML 5Page - Infineon Technologies AG C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
Controller Area Network (CAN): License of Robert Bosch GmbH
C164CI
Revision History:
2001-05
V2.0
Previous Version:
1999-08
1998-02
(Preliminary)
04.97
(Advance Information)
Page
Subjects (major changes since last revision)1)
1) These changes refer to the last two versions. Version 1998-02 covers OTP and ROM derivatives, while version
1999-08 ist the most recent one.
All
Converted to Infineon layout
1
Operating frequency up to 25 MHz
1 et al.
References to Flash removed
1
Timer Unit with three timers
1, 12, 73
On-chip XRAM described
2
Derivative table updated
10
Supply voltage is 5 V
21
Functionality of reduced CAPCOM6 corrected
22f
Timer description improved
29, 30
Sections “Oscillator Watchdog” and “Power Management” added
37
POCON reset values adjusted
41 to 73
Parameter section reworked
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com