Electronic Components Datasheet Search
  English  ▼

X  

SDKZ1F0200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ1F0200
Description  Rotary type power switch with encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ1F0200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ1F0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
172
172
Rotary type power switch with encoder
Rotary Type with Encoder
SDKZ
Circuit
arrangement
Other positions
Operating
direction
Product No.
Drawing
No.
DPST
10±3N
6±3N
7.5±3N
10±3N
7.5±3N
10±3N
From "OFF" position to "ON" position
Torque
14±3N
12±3N
14±3N
Positions
15
16
19
21
24
25
Vertical
Mounting
method
PC board
Terminal
Configuration
Straight
Minimum order unit(pcs.)
Japan
Min
288
288
SDKZ1F0200
SDKZ1G0200
SDKZ1K0200
SDKZ1M0200
SDKZ1Q0200
SDKZ1R0200
1
2
■ Product Line
■ Ratings and Safety Standards
Items
Specifications
Maximum rating(Power)
16(6)A 250V AC
14(6)A 250V AC
Maximum rating(Encoder)
0.1A 12V DC
Contact resistance(Encoder)
Initial / after life test
1Ω max. / 1Ω max.
Operating(Power)
10,000 cycles
Operating life(Encoder)
30,000 cycles
Refer to P.176 for soldering conditions.
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements(mm)
1 case /Japan
1 case /export packing
288
288
411×311×217


Similar Part No. - SDKZ1F0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKZ1F0200 ALPS-SDKZ1F0200 Datasheet
262Kb / 4P
Rotary Type Power Switch with Encorder
More results

Similar Description - SDKZ1F0200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
12mm Rotary Encoder with LED
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
Rotary Optical Encoder w/Switch
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
Rotary Type Power Switch with Encorder
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
14 mm Rotary Optical Encoder w/Switch
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
Incremental type two-phase rotary encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com