Electronic Components Datasheet Search
  English  ▼

X  

SDKZ1K0200 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ1K0200
Description  Rotary type power switch with encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ1K0200 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ1K0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ1K0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ1K0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ1K0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDKZ1K0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
174
174
Rotary Type with Encoder
SDKZ
Standard Code
27.25$
27.25$ 13-23.5
$
1
2
15
Circuit Diagram(Power Switch)
12
1A
2A
34
56
8
CODE
POS
TERM 123 4 567 89 10 11 12 13 14 15
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
SDKZ1F0200
TERM
16-22.5$
Circuit Diagram(Power Switch)
12
1A
2A
34
56
8
16 1
2
15
CODE
POS
123 45 67 89 10 11 12 13 14 15 16
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
SDKZ1G0200
1
2
1A
2A
3
4
5
67
8
4-30$ 16-15
$
23 24
3
1 2
CODE
TERM
POS
123 4 567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
Circuit Diagram(Power Switch)
SDKZ1K0200
12
1A
2A
34
56
78
21
20
3
2
CODE
TERM
POS
123 45 67 89 10 11 12 13 14 15 16 17 18 19 20 21
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
1
Circuit Diagram(Power Switch)
SDKZ1M0200
24-15$
1
24
23
3
2
12
1A
2A
34
56
78
CODE
TERM
POS
123 45 67 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
Circuit Diagram(Power Switch)
SDKZ1Q0200
Circuit Diagram(Power Switch)
12
1A
2A
34
56
78
2-19$
24 25
3
2
1
CODE
TERM
POS
123 4 567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
SDKZ1R0200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com