Electronic Components Datasheet Search
  English  ▼

X  

C167CS-XC Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C167CS-XC
Description  16-Bit Single-Chip Microcontroller Bare Die Delivery
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-XC Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C167CS-XC Datasheet HTML 9Page - Infineon Technologies AG C167CS-XC Datasheet HTML 10Page - Infineon Technologies AG C167CS-XC Datasheet HTML 11Page - Infineon Technologies AG C167CS-XC Datasheet HTML 12Page - Infineon Technologies AG C167CS-XC Datasheet HTML 13Page - Infineon Technologies AG C167CS-XC Datasheet HTML 14Page - Infineon Technologies AG C167CS-XC Datasheet HTML 15Page - Infineon Technologies AG C167CS-XC Datasheet HTML 16Page - Infineon Technologies AG C167CS-XC Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
C167CS-xC Bare Die
Step BA
Data Sheet
9
V1.0, 2001-08
P0H.3
78
I/O
5783
7086 PORT0 input/output, Address/Data Line AD11.
P0H.4
79
I/O
5620
7086 PORT0 input/output, Address/Data Line AD12.
P0H.5
80
I/O
5456
7086 PORT0 input/output, Address/Data Line AD13.
P0H.6
81
I/O
5293
7086 PORT0 input/output, Address/Data Line AD14.
P0H.7
82
I/O
5129
7086 PORT0 input/output, Address/Data Line AD15.
P1L.0
83
I/O
4966
7086 PORT1 input/output, Address Line A0,
analog input AN16.
P1L.1
84
I/O
4802
7086 PORT1 input/output, Address Line A1,
analog input AN17.
P1L.2
85
I/O
4639
7086 PORT1 input/output, Address Line A2,
analog input AN18.
P1L.3
86
I/O
4475
7086 PORT1 input/output, Address Line A3,
analog input AN19.
P1L.4
87
I/O
4312
7086 PORT1 input/output, Address Line A4,
analog input AN20.
P1L.5
88
I/O
4148
7086 PORT1 input/output, Address Line A5,
analog input AN21.
P1L.6
89
I/O
3985
7086 PORT1 input/output, Address Line A6,
analog input AN22.
P1L.7
90
I/O
3821
7086 PORT1 input/output, Address Line A7,
analog input AN23.
9
DD
91
-
3658
7086 Digital Supply Voltage.
C167CS
MODE
92
I
3494
7086 Must be connected to
9
DD.
1)
Standard oscillator mode, single-chip reset with
PORT0-configuration.
9
SS
93
-
3331
7086 Digital Ground.
P1H.0
94
I/O
3167
7086 PORT1 input/output, Address Line A8.
P1H.1
95
I/O
3004
7086 PORT1 input/output, Address Line A9.
P1H.2
96
I/O
2840
7086 PORT1 input/output, Address Line A10.
P1H.3
97
I/O
2677
7086 PORT1 input/output, Address Line A11.
P1H.4
98
I/O
2513
7086 PORT1 input/output, Addr. Line A12,
Capt. Input/Comp. Output CC24.
Table 2
Pad Definitions and Functions (cont’d)
Symbol Pad
Num
In /
Out
Position [µm] Function
xy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com