Electronic Components Datasheet Search
  English  ▼

X  

TS3USB221 Datasheet(PDF) 7 Page - Texas Instruments

Part # TS3USB221
Description  High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3USB221_16 Datasheet HTML 3Page - Texas Instruments TS3USB221_16 Datasheet HTML 4Page - Texas Instruments TS3USB221_16 Datasheet HTML 5Page - Texas Instruments TS3USB221_16 Datasheet HTML 6Page - Texas Instruments TS3USB221_16 Datasheet HTML 7Page - Texas Instruments TS3USB221_16 Datasheet HTML 8Page - Texas Instruments TS3USB221_16 Datasheet HTML 9Page - Texas Instruments TS3USB221_16 Datasheet HTML 10Page - Texas Instruments TS3USB221_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
(V)
IN
V
= 2.3 V
CC
V
= 3.0 V
CC
–120
–100
–80
–60
–40
–20
0
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
Frequency (Hz)
V
= 2.5 V
CC
V
= 3.3 V
CC
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
(V)
IN
V
= 2.3 V
CC
V
= 3.0 V
CC
–7
–6
–5
–4
–3
–2
–1
0
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
Frequency (Hz)
V
= 2.5 V
CC
V
= 3.3 V
CC
–120
–100
–80
–60
–40
–20
0
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
Frequency (Hz)
V
= 2.5 V
CC
V
= 3.3 V
CC
TS3USB221
www.ti.com
SCDS220I – NOVEMBER 2006 – REVISED JANUARY 2016
6.10 Typical Characteristics
Figure 2. OFF Isolation vs Frequency
Figure 1. Gain vs Frequency
Figure 4. ron vs VIN (IOUT = –15 mA)
Figure 3. Crosstalk vs Frequency
Figure 5. ron vs VIN (IOUT = –30 mA)
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS3USB221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com