| Electronic Components Datasheet Search |
|
C515 Datasheet(PDF) 39 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C515 Datasheet(HTML) 39 Page - Infineon Technologies AG |
|
39 / 55 page ![]() Semiconductor Group 39 1997-08-01 C515 Power Saving Modes The C515 provides two basic power saving modes, the idle mode and the power down mode. Additionally, a slow down mode is available. This power saving mode reduces the internal clock rate in normal operating mode and it can be also used for further power reduction in idle mode. – Idle mode The CPU is gated off from the oscillator. All peripherals are still provided with the clock and are able to work. Idle mode is entered by software and can be left by an interrupt or reset. – Power down mode The operation of the C515 is completely stopped and the oscillator is turned off. This mode is used to save the contents of the internal RAM with a very low standby current. Power down mode is entered by software and can be left by reset or by a short low pulse at pin P3.2/INT0. – Slow-down mode The controller keeps up the full operating functionality, but its normal clock frequency is internally divided by 8. This slows down all parts of the controller, the CPU and all peripherals, to 1/8 th of their normal operating frequency. Slowing down the frequency significantly reduces power consumption. Table 8 gives a general overview of the entry and exit procedures of the power saving modes. In the power down mode of operation, V CC can be reduced to minimize power consumption. It must be ensured, however, that V CC is not reduced before the power down mode is invoked, and that VCC is restored to its normal operating level, before the power down mode is terminated. Table 8 Power Saving Modes Overview Mode Entering 2-Instruction Example Leaving by Remarks Idle mode ORL PCON, #01H ORL PCON, #20H Occurrence of an interrupt from a peripheral unit CPU clock is stopped; CPU maintains their data; peripheral units are active (if enabled) and provided with clock Hardware Reset Power Down Mode ORL PCON, #02H ORL PCON, #40H Hardware Reset Oscillator is stopped; contents of on-chip RAM and SFR’s are maintained; Slow Down Mode In normal mode : ORL PCON,#10H ANL PCON,#0EFH or Hardware Reset Internal clock rate is reduced to 1/8 of its nominal frequency With idle mode : ORL PCON,#01H ORL PCON, #30H Occurrence of an interrupt from a peripheral unit CPU clock is stopped; CPU maintains their data; peripheral units are active (if enabled) and provided with 1/8 of its nominal frequency Hardware reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |