Electronic Components Datasheet Search
  English  ▼

X  

CFY67 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CFY67
Description  HiRel K-Band GaAs Super Low Noise HEMT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY67 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CFY67 Datasheet HTML 1Page - Infineon Technologies AG CFY67 Datasheet HTML 2Page - Infineon Technologies AG CFY67 Datasheet HTML 3Page - Infineon Technologies AG CFY67 Datasheet HTML 4Page - Infineon Technologies AG CFY67 Datasheet HTML 5Page - Infineon Technologies AG CFY67 Datasheet HTML 6Page - Infineon Technologies AG CFY67 Datasheet HTML 7Page - Infineon Technologies AG CFY67 Datasheet HTML 8Page - Infineon Technologies AG CFY67 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CFY67
Semiconductor Group
6 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
CFY67-06: VDS = 2 V, ID = 15 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,962
-13
6,112
166
0,0111
76
0,539
-15
0,42
27,4
1,0
0,937
-22
5,956
159
0,0211
69
0,525
-19
0,42
24,5
1,5
0,913
-33
5,810
150
0,0302
64
0,511
-24
0,44
22,8
2,0
0,889
-41
5,690
142
0,0394
58
0,498
-30
0,46
21,6
2,5
0,860
-51
5,522
133
0,0484
53
0,484
-36
0,48
20,6
3,0
0,834
-61
5,386
124
0,0567
48
0,469
-43
0,50
19,8
3,5
0,810
-71
5,236
116
0,0637
43
0,456
-49
0,52
19,1
4,0
0,784
-80
5,067
107
0,0702
38
0,440
-55
0,55
18,6
4,5
0,761
-90
4,911
99
0,0760
33
0,423
-61
0,58
18,1
5,0
0,740
-99
4,752
91
0,0809
28
0,410
-67
0,60
17,7
5,5
0,720
-107
4,586
84
0,0851
24
0,397
-73
0,63
17,3
6,0
0,701
-116
4,420
76
0,0889
19
0,385
-79
0,66
17,0
6,5
0,682
-124
4,260
69
0,0918
15
0,373
-84
0,69
16,7
7,0
0,663
-131
4,107
62
0,0941
11
0,362
-89
0,73
16,4
7,5
0,644
-139
3,974
55
0,0962
7
0,351
-93
0,77
16,2
8,0
0,627
-148
3,852
49
0,0980
3
0,343
-98
0,80
15,9
8,5
0,611
-157
3,747
42
0,0995
-1
0,333
-102
0,83
15,8
9,0
0,595
-165
3,659
35
0,1008
-5
0,323
-107
0,86
15,6
9,5
0,581
-173
3,571
29
0,1022
-9
0,313
-112
0,90
15,4
10,0
0,567
178
3,497
22
0,1039
-13
0,303
-116
0,92
15,3
10,5
0,556
170
3,430
16
0,1049
-17
0,293
-121
0,95
15,1
11,0
0,546
163
3,368
9
0,1064
-21
0,284
-127
0,98
15,0
11,5
0,537
155
3,317
3
0,1078
-26
0,274
-131
1,00
14,9
12,0
0,528
149
3,265
-4
0,1093
-30
0,265
-135
1,02
14,8
13,8
12,5
0,520
142
3,216
-10
0,1105
-35
0,255
-139
1,05
14,6
13,3
13,0
0,513
135
3,169
-17
0,1116
-39
0,246
-143
1,07
14,5
12,9
13,5
0,506
128
3,120
-24
0,1126
-44
0,235
-146
1,10
14,4
12,5
14,0
0,498
121
3,080
-30
0,1137
-49
0,225
-150
1,12
14,3
12,2
14,5
0,492
113
3,044
-37
0,1151
-54
0,215
-155
1,14
14,2
12,0
15,0
0,489
106
3,014
-44
0,1160
-59
0,207
-159
1,15
14,1
11,8
15,5
0,484
98
2,990
-51
0,1171
-65
0,200
-163
1,16
14,1
11,6
16,0
0,485
91
2,967
-58
0,1185
-71
0,193
-167
1,17
14,0
11,5
16,5
0,485
83
2,945
-65
0,1197
-77
0,187
-171
1,17
13,9
11,4
17,0
0,485
75
2,947
-71
0,1206
-82
0,182
-175
1,17
13,9
11,4
17,5
0,487
69
2,961
-77
0,1215
-87
0,177
-178
1,16
13,9
11,5
18,0
0,490
64
2,979
-81
0,1230
-90
0,174
179
1,14
13,8
11,6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com