Electronic Components Datasheet Search
  English  ▼

X  

CLX27 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CLX27
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX27 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CLX27 Datasheet HTML 1Page - Infineon Technologies AG CLX27 Datasheet HTML 2Page - Infineon Technologies AG CLX27 Datasheet HTML 3Page - Infineon Technologies AG CLX27 Datasheet HTML 4Page - Infineon Technologies AG CLX27 Datasheet HTML 5Page - Infineon Technologies AG CLX27 Datasheet HTML 6Page - Infineon Technologies AG CLX27 Datasheet HTML 7Page - Infineon Technologies AG CLX27 Datasheet HTML 8Page - Infineon Technologies AG CLX27 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CLX27
Semiconductor Group
7 of 9
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 8 V, ID = 120 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,950
-44
9,344
149
0,0135
65
0,404
-21
0,33
28,4
0,6
0,932
-52
9,149
143
0,0156
61
0,398
-26
0,39
27,7
0,7
0,915
-58
8,924
139
0,0176
57
0,390
-29
0,44
27,1
0,8
0,902
-65
8,677
135
0,0197
53
0,381
-33
0,46
26,4
0,9
0,891
-72
8,420
130
0,0210
49
0,373
-37
0,49
26,0
1,0
0,881
-79
8,166
125
0,0225
46
0,365
-41
0,51
25,6
1,1
0,874
-85
7,908
121
0,0240
42
0,357
-45
0,52
25,2
1,2
0,868
-92
7,648
116
0,0253
39
0,350
-48
0,53
24,8
1,3
0,862
-98
7,387
112
0,0265
36
0,343
-52
0,54
24,5
1,4
0,857
-104
7,132
108
0,0274
33
0,338
-55
0,56
24,2
1,5
0,852
-110
6,882
104
0,0281
30
0,333
-59
0,58
23,9
1,6
0,848
-115
6,632
100
0,0286
28
0,328
-62
0,60
23,7
1,7
0,843
-120
6,389
96
0,0293
25
0,324
-66
0,62
23,4
1,8
0,839
-125
6,155
92
0,0297
23
0,320
-69
0,65
23,2
1,9
0,836
-130
5,928
89
0,0302
21
0,318
-72
0,67
22,9
2,0
0,832
-134
5,711
85
0,0304
19
0,317
-75
0,70
22,7
2,1
0,829
-138
5,505
82
0,0306
17
0,315
-79
0,73
22,6
2,2
0,827
-142
5,309
79
0,0307
16
0,314
-82
0,76
22,4
2,3
0,825
-146
5,125
75
0,0310
15
0,312
-85
0,79
22,2
2,4
0,823
-149
4,953
72
0,0313
14
0,311
-88
0,81
22,0
2,5
0,821
-153
4,792
69
0,0313
12
0,311
-91
0,85
21,8
2,6
0,820
-156
4,634
66
0,0313
11
0,311
-94
0,88
21,7
2,7
0,819
-159
4,486
64
0,0316
10
0,313
-96
0,90
21,5
2,8
0,818
-162
4,342
61
0,0314
9
0,315
-99
0,94
21,4
2,9
0,817
-165
4,206
58
0,0314
8
0,317
-101
0,97
21,3
3,0
0,815
-168
4,076
56
0,0315
7
0,319
-104
1,00
21,1
20,9
3,1
0,815
-171
3,956
53
0,0315
6
0,321
-107
1,03
21,0
19,9
3,2
0,814
-173
3,841
50
0,0315
5
0,325
-110
1,06
20,9
19,3
3,3
0,813
-176
3,731
48
0,0315
4
0,327
-113
1,10
20,7
18,8
3,4
0,813
-178
3,629
45
0,0315
4
0,330
-115
1,12
20,6
18,5
3,5
0,812
179
3,534
43
0,0315
3
0,334
-118
1,15
20,5
18,1
4,0
0,812
168
3,110
32
0,0314
1
0,353
-131
1,29
20,0
16,7
4,5
0,812
158
2,748
20
0,0315
1
0,378
-143
1,42
19,4
15,5
5,0
0,812
148
2,463
10
0,0322
1
0,403
-154
1,53
18,8
14,5
5,5
0,812
140
2,223
2
0,0339
1
0,428
-164
1,58
18,2
13,7
6,0
0,811
132
2,025
-8
0,0364
1
0,450
-173
1,58
17,5
13,0
6,5
0,811
122
1,860
-20
0,0398
1
0,474
179
1,53
16,7
12,4
7,0
0,811
116
1,721
-28
0,0430
0
0,498
171
1,49
16,0
11,9
7,5
0,811
108
1,601
-37
0,0478
-2
0,519
163
1,40
15,3
11,5
8,0
0,811
100
1,496
-47
0,0528
-6
0,538
154
1,32
14,5
11,1
8,5
0,810
92
1,402
-57
0,0581
-11
0,556
145
1,25
13,8
10,8
9,0
0,810
84
1,317
-66
0,0637
-16
0,574
136
1,17
13,2
10,6
9,5
0,809
76
1,240
-76
0,0692
-21
0,595
127
1,10
12,5
10,6
10,0
0,809
68
1,171
-85
0,0759
-27
0,614
118
1,02
11,9
10,9
10,5
0,808
60
1,109
-94
0,0828
-33
0,635
110
0,94
11,3
11,0
0,806
53
1,052
-104
0,0902
-39
0,656
102
0,86
10,7
11,5
0,802
46
1,002
-112
0,0978
-45
0,674
94
0,79
10,1
12,0
0,793
38
0,959
-121
0,1066
-51
0,688
88
0,75
9,5
12,5
0,778
30
0,926
-130
0,1169
-58
0,698
81
0,72
9,0
13,0
0,756
22
0,891
-140
0,1290
-66
0,706
75
0,71
8,4
13,5
0,735
13
0,863
-149
0,1400
-74
0,709
67
0,72
7,9
14,0
0,713
3
0,842
-158
0,1568
-82
0,711
60
0,71
7,3
14,5
0,691
-9
0,825
-168
0,1759
-92
0,708
52
0,70
6,7
15,0
0,665
-22
0,810
-179
0,1975
-103
0,699
44
0,71
6,1
15,5
0,639
-36
0,800
169
0,2214
-115
0,688
34
0,73
5,6
16,0
0,622
-51
0,793
158
0,2474
-128
0,673
23
0,73
5,1
16,5
0,622
-66
0,787
146
0,2765
-142
0,657
11
0,71
4,5
17,0
0,642
-80
0,787
137
0,3148
-152
0,648
-2
0,65
4,0
17,5
0,668
-92
0,794
128
0,3530
-161
0,652
-13
0,58
3,5
18,0
0,694
-101
0,808
121
0,3881
-167
0,667
-22
0,51
3,2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com