Electronic Components Datasheet Search
  English  ▼

X  

STL23NS3LLH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL23NS3LLH7
Description  N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL23NS3LLH7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL23NS3LLH7 Datasheet HTML 1Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 2Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2015
DocID025074 Rev 3
1/14
This is information on a product in full production.
www.st.com
STL23NS3LLH7
N-
channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power
MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STL23NS3LLH7
30 V
0.0037 Ω
23 A
Very low on-resistance
Very low Qg
High avalanche ruggedness
Embedded Schottky diode
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes the
STripFET H7 technology with a trench gate
structure combined with extremely low on-
resistance. The device also offers ultra-low
capacitances for higher switching frequency
operations.
Table 1: Device summary
Order code
Marking
Package
Packing
STL23NS3LLH7
23NS3
PowerFLAT
TM 3.3 x 3.3
Tape and reel
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)


Similar Part No. - STL23NS3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
08-Oct-2012
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
N-channel 600 V, 0.150 Ω, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
28-Apr-2010
More results

Similar Description - STL23NS3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
N-channel 30 V, 0.0045 Ω, 15 A, PowerFLAT??(3.3 x 3.3) STripFET™V Power MOSFET
25-Aug-2008
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
STL16N1VH5 STMICROELECTRONICS-STL16N1VH5 Datasheet
852Kb / 14P
N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET
21-Jun-2011
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
P-channel 40 V, 0.0175 Ω typ.,8 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
March 2015 Rev 2
STL12N3LLH5 STMICROELECTRONICS-STL12N3LLH5 Datasheet
453Kb / 11P
N-channel 30 V, 0.0079 Ω, 12 A, PowerFLAT™(3.3 x 3.3) STripFET™ V Power MOSFET
June 2011 Rev 1
STL105NS3LLH7 STMICROELECTRONICS-STL105NS3LLH7 Datasheet
1Mb / 16P
N-channel 30 V, 0.0033 Ω typ., 27 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
April 2015 Rev 4
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL220NS6F7 STMICROELECTRONICS-STL220NS6F7 Datasheet
706Kb / 13P
N-channel 60 V, 1.4 mΩ typ., 250 A STripFET™ F7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
20-Aug-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com