Electronic Components Datasheet Search
  English  ▼

X  

CLY29 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CLY29
Description  HiRel C-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY29 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CLY29 Datasheet HTML 1Page - Infineon Technologies AG CLY29 Datasheet HTML 2Page - Infineon Technologies AG CLY29 Datasheet HTML 3Page - Infineon Technologies AG CLY29 Datasheet HTML 4Page - Infineon Technologies AG CLY29 Datasheet HTML 5Page - Infineon Technologies AG CLY29 Datasheet HTML 6Page - Infineon Technologies AG CLY29 Datasheet HTML 7Page - Infineon Technologies AG CLY29 Datasheet HTML 8Page - Infineon Technologies AG CLY29 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CLY29
Semiconductor Group
7 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 9 V, ID = 180 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,874
-76
8,885
129
0,0245
51
0,272
-48
0,48
25,6
0,6
0,852
-80
8,544
126
0,0257
48
0,266
-52
0,56
25,2
0,7
0,829
-86
8,159
122
0,0269
46
0,261
-56
0,64
24,8
0,8
0,810
-93
7,748
118
0,0283
43
0,256
-60
0,70
24,4
0,9
0,796
-100
7,326
113
0,0296
40
0,252
-65
0,75
23,9
1,0
0,791
-108
6,913
108
0,0312
37
0,249
-71
0,76
23,5
1,1
0,786
-115
6,519
103
0,0324
34
0,248
-77
0,79
23,0
1,2
0,782
-122
6,147
98
0,0335
32
0,247
-82
0,82
22,6
1,3
0,778
-128
5,801
93
0,0342
30
0,248
-86
0,86
22,3
1,4
0,775
-134
5,482
89
0,0350
28
0,249
-91
0,89
21,9
1,5
0,772
-140
5,187
84
0,0355
27
0,252
-95
0,93
21,6
1,6
0,770
-144
4,916
81
0,0360
25
0,256
-99
0,97
21,4
1,7
0,768
-149
4,665
77
0,0363
24
0,260
-103
1,01
21,1
20,4
1,8
0,767
-153
4,433
73
0,0367
22
0,265
-107
1,06
20,8
19,4
1,9
0,766
-157
4,220
70
0,0370
21
0,270
-110
1,10
20,6
18,7
2,0
0,765
-161
4,024
66
0,0371
21
0,277
-114
1,15
20,4
18,0
2,1
0,765
-165
3,840
63
0,0373
20
0,283
-117
1,19
20,1
17,5
2,2
0,764
-168
3,672
60
0,0375
19
0,290
-120
1,23
19,9
17,0
2,3
0,764
-171
3,516
57
0,0377
18
0,297
-123
1,27
19,7
16,5
2,4
0,764
-174
3,372
54
0,0379
17
0,305
-126
1,31
19,5
16,1
2,5
0,764
-177
3,238
51
0,0382
17
0,313
-128
1,35
19,3
15,8
2,6
0,764
-179
3,112
48
0,0385
16
0,320
-131
1,38
19,1
15,4
2,7
0,764
178
2,995
45
0,0386
16
0,328
-133
1,42
18,9
15,0
2,8
0,764
176
2,885
43
0,0388
17
0,337
-136
1,46
18,7
14,7
2,9
0,764
173
2,782
40
0,0393
17
0,344
-138
1,49
18,5
14,4
3,0
0,764
171
2,686
37
0,0396
17
0,352
-140
1,52
18,3
14,1
3,1
0,765
169
2,596
35
0,0400
17
0,360
-142
1,54
18,1
13,8
3,2
0,765
166
2,512
32
0,0406
17
0,368
-145
1,56
17,9
13,5
3,3
0,765
164
2,432
30
0,0411
17
0,377
-147
1,58
17,7
13,3
3,4
0,766
162
2,357
27
0,0416
17
0,386
-149
1,59
17,5
13,0
3,5
0,766
160
2,286
25
0,0422
17
0,394
-151
1,60
17,3
12,8
3,6
0,766
158
2,218
22
0,0429
17
0,403
-153
1,61
17,1
12,5
3,7
0,767
156
2,152
20
0,0436
17
0,411
-155
1,62
16,9
12,3
3,8
0,768
154
2,091
17
0,0444
17
0,420
-157
1,61
16,7
12,1
3,9
0,769
152
2,034
15
0,0451
17
0,428
-159
1,61
16,5
11,9
4,0
0,769
150
1,977
12
0,0458
17
0,436
-162
1,62
16,4
11,7
4,1
0,770
148
1,924
10
0,0466
17
0,445
-164
1,62
16,2
11,6
4,2
0,771
146
1,872
8
0,0472
17
0,452
-166
1,62
16,0
11,4
4,3
0,772
144
1,822
5
0,0481
17
0,460
-168
1,62
15,8
11,2
4,4
0,772
142
1,773
3
0,0491
17
0,468
-170
1,61
15,6
11,0
4,5
0,773
140
1,727
1
0,0500
16
0,476
-172
1,60
15,4
10,8
4,6
0,775
138
1,683
-2
0,0510
16
0,485
-174
1,59
15,2
10,7
4,7
0,776
136
1,644
-4
0,0517
16
0,493
-176
1,58
15,0
10,6
4,8
0,778
135
1,611
-6
0,0527
16
0,500
-177
1,55
14,9
10,5
4,9
0,779
134
1,584
-7
0,0533
16
0,507
-178
1,54
14,7
10,4
5,0
0,781
133
1,562
-9
0,0539
16
0,512
-179
1,52
14,6
10,4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com