Electronic Components Datasheet Search
  English  ▼

X  

CLY38 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CLY38
Description  HiRel C-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY38 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CLY38 Datasheet HTML 1Page - Infineon Technologies AG CLY38 Datasheet HTML 2Page - Infineon Technologies AG CLY38 Datasheet HTML 3Page - Infineon Technologies AG CLY38 Datasheet HTML 4Page - Infineon Technologies AG CLY38 Datasheet HTML 5Page - Infineon Technologies AG CLY38 Datasheet HTML 6Page - Infineon Technologies AG CLY38 Datasheet HTML 7Page - Infineon Technologies AG CLY38 Datasheet HTML 8Page - Infineon Technologies AG CLY38 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CLY38
Semiconductor Group
6 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 5 V, ID = 1400 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,921
-175
2,850
82
0,0136
19
0,919
173
0,53
23,2
0,6
0,918
-178
2,645
80
0,0139
19
0,908
172
0,60
22,8
0,7
0,916
180
2,424
78
0,0140
18
0,898
170
0,70
22,4
0,8
0,915
177
2,192
75
0,0143
17
0,887
169
0,80
21,9
0,9
0,915
173
1,951
71
0,0147
15
0,877
167
0,90
21,2
1,0
0,918
170
1,710
67
0,0150
14
0,867
165
0,99
20,6
1,1
0,920
167
1,520
63
0,0152
14
0,861
163
1,11
20,0
18,0
1,2
0,921
164
1,366
59
0,0155
14
0,856
162
1,20
19,4
16,7
1,3
0,923
161
1,239
55
0,0156
14
0,855
160
1,29
19,0
15,7
1,4
0,924
158
1,134
52
0,0158
15
0,854
158
1,38
18,6
14,9
1,5
0,926
156
1,044
48
0,0159
14
0,856
157
1,43
18,2
14,3
1,6
0,927
154
0,967
45
0,0163
14
0,858
155
1,46
17,7
13,7
1,7
0,928
151
0,900
42
0,0164
14
0,861
154
1,51
17,4
13,2
1,8
0,929
149
0,840
39
0,0167
14
0,863
152
1,56
17,0
12,6
1,9
0,929
147
0,787
36
0,0168
14
0,865
151
1,61
16,7
12,1
2,0
0,930
145
0,739
33
0,0173
14
0,867
150
1,61
16,3
11,7
2,1
0,931
143
0,696
30
0,0175
14
0,869
149
1,66
16,0
11,2
2,2
0,931
141
0,657
28
0,0177
15
0,870
147
1,72
15,7
10,8
2,3
0,932
139
0,621
25
0,0179
14
0,871
146
1,75
15,4
10,4
2,4
0,932
137
0,588
22
0,0184
13
0,872
145
1,77
15,0
10,0
2,5
0,933
136
0,558
19
0,0186
13
0,873
144
1,81
14,8
9,6
2,6
0,933
134
0,531
17
0,0190
13
0,875
143
1,84
14,5
9,2
2,7
0,934
132
0,506
14
0,0193
12
0,876
141
1,85
14,2
8,9
2,8
0,934
131
0,482
12
0,0196
12
0,879
140
1,87
13,9
8,5
2,9
0,933
129
0,461
9
0,0196
11
0,881
139
1,92
13,7
8,2
3,0
0,934
127
0,440
7
0,0198
10
0,884
138
1,92
13,5
8,0
3,1
0,934
126
0,422
5
0,0204
10
0,886
137
1,91
13,2
7,7
3,2
0,934
124
0,404
2
0,0207
10
0,889
136
1,91
12,9
7,4
3,3
0,934
123
0,387
0
0,0211
10
0,892
135
1,91
12,6
7,1
3,4
0,934
121
0,372
-2
0,0215
9
0,895
134
1,92
12,4
6,9
3,5
0,933
120
0,358
-4
0,0218
8
0,898
133
1,91
12,2
6,7
3,6
0,933
119
0,344
-6
0,0219
7
0,901
131
1,93
12,0
6,4
3,7
0,933
117
0,332
-8
0,0222
7
0,904
130
1,93
11,7
6,2
3,8
0,933
116
0,320
-10
0,0225
8
0,906
129
1,94
11,5
6,0
3,9
0,932
115
0,309
-12
0,0230
7
0,908
128
1,94
11,3
5,7
4,0
0,932
113
0,298
-14
0,0231
6
0,909
127
1,96
11,1
5,5
4,1
0,932
112
0,289
-16
0,0232
6
0,910
126
2,00
10,9
5,2
4,2
0,932
111
0,279
-18
0,0236
5
0,910
125
2,03
10,7
4,9
4,3
0,931
110
0,271
-20
0,0239
5
0,911
125
2,08
10,5
4,6
4,4
0,930
108
0,262
-21
0,0243
5
0,911
124
2,11
10,3
4,3
4,5
0,930
107
0,255
-23
0,0246
5
0,911
123
2,15
10,2
4,1
4,6
0,930
106
0,247
-24
0,0247
4
0,911
122
2,21
10,0
3,8
4,7
0,929
105
0,241
-26
0,0248
3
0,911
121
2,25
9,9
3,6
4,8
0,929
104
0,236
-27
0,0248
3
0,912
120
2,30
9,8
3,4
4,9
0,929
103
0,232
-28
0,0247
3
0,912
120
2,35
9,7
3,2
5,0
0,928
103
0,228
-29
0,0249
2
0,913
119
2,35
9,6
3,1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com