Electronic Components Datasheet Search
  English  ▼

X  

SKHLLBA010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHLLBA010
Description  Switch contributing to high-density mounting, available with top or side push operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHLLBA010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHLLBA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
194
194
6×3.5mm Compact (Snap-in Type)
SKHL
6
3
6.5
1.5
Stem
1
1
2
Dimensions
Unit:mm
Side push
PC board mounting hole dimensions
(Viewed from switch mounting face)
h
4.3
5
1
No.
Style
2
7.3
3
0.5
0.5
5
7
Stem
3.72
0.3
2.5
1
1
2
Photo
R
2.5
3.5
PC board
t 1.0
t 1.6
12
Circuit Diagram
Top push
6.5
2-ø1.25 hole
7
5
2-ø1 hole
2-ø1.3 hole



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com