Electronic Components Datasheet Search
  English  ▼

X  

SKPLAFD010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPLAFD010
Description  6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPLAFD010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKPLAFD010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPLAFD010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPLAFD010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
192
192
List of Varieties
Type
Soft Feeling Type
Snap–in
Surface Mount
Radial
Series
SKEG
SKEG
SKPF
SKPM
SKPG
SKPR
SKPL
SKPD
Photo
Features
—
—
High operation force
Long travel
Low contact
resistance
—
High operation force
Low contact resistance
Round terminal
Low contact resistance
—
Water-proof
—
—
—
—
—
—
—
—
Dust-proof
—
—
—
—
—
—
—
—
IP standard
—
—
—
—
—
—
—
—
Operating
direction
Top push
●
—
●
●
●
●
●
●
Side push
—
●
—
—
—
—
—
—
Dimensions
(mm)
W
□6
7.5
8
5.9
6.6
7.5
V6.45
□7.8
D
9.9
9
6
6.3
7.8
H
See the relevant pages for
respective product descriptions
7.3
10
5
6.5
5
See the relevant pages for
respective product descriptions
Contact
Carbon
Silver
Carbon
Silver
Carbon
Operation
force
coverage
to 1N
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
1
See the relevant pages for
respective product descriptions
1.3
1
1.3
See the relevant pages for
respective product descriptions
Ground terminal
—
—
—
—
—
—
—
—
Operating temperature
range
−20℃ to +70℃
−40℃ to +90℃
Automotive use
—
—
●
●
●
●
●
●
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
5mA 12V DC
50mA
16V DC
5mA
12V DC
50mA
16V DC
5mA
12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation
resistance
100MΩ min. 100V DC 1min.
50MΩmin.100VDC 1min.
SKPDAF:100MΩmin.
100VDC 1min.
Voltage proof
250V AC 1min.
100VAC 1min.
SKPDAF: 250VDC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−30℃ 96h
−40℃ 96h −40℃ 1,000h −40℃ 96h
−40℃ 1,000h
−40℃ 96h
Dry heat
80℃ 96h
90℃ 96h
90℃ 1,000h
90℃ 96h
90℃ 1,000h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
60℃, 90 to
95%RH 1,000h
60℃, 90 to
95%RH 96h
60℃, 90 to 95%RH 1,000h
60℃, 90 to
95%RH 96h
Page
251
253
254
255
256
257
258
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. ● Indicates applicability to all products in the series, while ○ indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.
TACT SwitchTM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com