Electronic Components Datasheet Search
  English  ▼

X  

STPSC6H065 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPSC6H065
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPSC6H065 Datasheet HTML 6Page - STMicroelectronics STPSC6H065 Datasheet HTML 7Page - STMicroelectronics STPSC6H065 Datasheet HTML 8Page - STMicroelectronics STPSC6H065 Datasheet HTML 9Page - STMicroelectronics STPSC6H065 Datasheet HTML 10Page - STMicroelectronics STPSC6H065 Datasheet HTML 11Page - STMicroelectronics STPSC6H065 Datasheet HTML 12Page - STMicroelectronics STPSC6H065 Datasheet HTML 13Page - STMicroelectronics STPSC6H065 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package information
STPSC6H065
10/14
DocID023247 Rev 6
Figure 14. Footprint (dimensions in mm)
Table 8. DPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
b
0.64
0.90
0.025
0.035
b4
5.20
5.40
0.204
0.212
c
0.45
0.60
0.017
0.023
c2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
D1
5.10
0.201
E
6.40
6.60
0.251
0.259
E1
4.70
0.185
e2.28
0.090
e1
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L
1.00
1.50
0.039
0.059
L1
2.80
0.11
L2
0.80
0.032
L4
0.60
1.00
0.023
0.039
R0.2
0.008
V2
0°
8°
0°
8°
6.3
6.1
10.7
2.8
1.5
4.572
A
B
This footprint ensures insultation up to 630 V rms (according to IEC 664-1)
The device must be positioned within
0.05 A B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com