Electronic Components Datasheet Search
  English  ▼

X  

SKPR Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPR
Description  High Operation Force, Low Contact Resistance (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPR Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKPR Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPR Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPR Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
256
256
Heavy operating force, soft feeling type achieves low
contact resistance through adopting metal contacts
High Operation Force, Low Contact Resistance (Surface Mount Type)
SKPR
PC board land dimensions
(Viewed from switch mounting face)
Style
ø380
25.4
1,050
Japan
Export
■ Product Line
Dimensions
Unit:mm
Product No.
SKPRAAE010
Operating life
(1mA 5V DC)
Top push
5N
100,000 cycles
Operating direction
Operating force
Circuit Diagram
③
④
②
①
Packing Specifications
Taping
Reel size
Unit:mm
1,050
Minimum order unit(pcs.)
③
④
②
①
9.5
7.5
7
10.7
3.45
2.4
2.6
3.6
3.3 ±0.1
3.15
0.3
Recomme
nded
operating
area
φ0.7
操作範囲
③
④
②
①
9.5
7.5
7
10.7
3.45
2.4
2.6
3.6
3.3 ±0.1
3.15
0.3
Recomme
nded
operating
area
φ0.7
操作範囲
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 16V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
100mΩ max.
Travel(mm)
1
Refer to P.259 for soldering conditions.
For reels of 330mm diameter, please inquire.
Note
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
1,050
6,300
6,300
24
401×401×214


Similar Part No. - SKPR

ManufacturerPart #DatasheetDescription
logo
Eravant
SKP-0631830536-SFSF-A1 ERAVANT-SKP-0631830536-SFSF-A1 Datasheet
561Kb / 3P
Analog Controlled Phase Shifter, 6 to 18 GHz
Rev. 1.0
SKP-0631830936-SFSF-D1 ERAVANT-SKP-0631830936-SFSF-D1 Datasheet
640Kb / 3P
Digitally Controlled Phase Shifter, 6 to 18 GHz
Rev. 1.0
SKP-8521030936-SFSF-D1 ERAVANT-SKP-8521030936-SFSF-D1 Datasheet
339Kb / 3P
Digitally Controlled Phase Shifter, 8.5 to 10.5 GHz
Rev. 1.1
logo
PATLITE CORPORATION.
SKP-M1J-B PATLITE-SKP-M1J-B Datasheet
976Kb / 3P
Rotating Beacons
Rev. H
SKP-M1J-G PATLITE-SKP-M1J-G Datasheet
976Kb / 3P
Rotating Beacons
Rev. H
More results

Similar Description - SKPR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SKPF ALPS-SKPF Datasheet
182Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPM ALPS-SKPM Datasheet
194Kb / 3P
Low Contact Resistance (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
Long-travel with Low Contact Resistance (Surface Mount Type)
SKRP ALPS-SKRP Datasheet
171Kb / 3P
4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
High Contact Force Provides Stable Electrical and Mechanical Operation
logo
ALPS ELECTRIC CO.,LTD.
SKPF ALPS-SKPF_15 Datasheet
833Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG_15 Datasheet
869Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPM ALPS-SKPM_15 Datasheet
847Kb / 3P
Low Contact Resistance (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com