Electronic Components Datasheet Search
  English  ▼

X  

SKRGAMD010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRGAMD010
Description  6.2mm Diameter Round Terminal (Radial Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRGAMD010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRGAMD010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRGAMD010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRGAMD010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKRGAMD010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
247
247
検
 
出
SKRG/6.2mm Diameter Round Terminal (Radial Type)
Circuit Diagram
12
Please use 1.6mm thick PC boards.
Note
ø6.2
øA
ø0.5
5
ø4
12.7
12.7
Stem
1
2
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from switch mounting face)
h
4.3
5
7
9.5
A
3.4
3.4
3.2
2.9
2-ø1 hole
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com