Electronic Components Datasheet Search
  English  ▼

X  

STS9P2UH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS9P2UH7
Description  Very low capacitance and gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS9P2UH7 Datasheet(HTML) 1 Page - STMicroelectronics

  STS9P2UH7 Datasheet HTML 1Page - STMicroelectronics STS9P2UH7 Datasheet HTML 2Page - STMicroelectronics STS9P2UH7 Datasheet HTML 3Page - STMicroelectronics STS9P2UH7 Datasheet HTML 4Page - STMicroelectronics STS9P2UH7 Datasheet HTML 5Page - STMicroelectronics STS9P2UH7 Datasheet HTML 6Page - STMicroelectronics STS9P2UH7 Datasheet HTML 7Page - STMicroelectronics STS9P2UH7 Datasheet HTML 8Page - STMicroelectronics STS9P2UH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2015
DocID025143 Rev 3
1/15
This is information on a product in full production.
www.st.com
STS9P2UH7
P-
channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7
Power MOSFET in a SO-8 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STS9P2UH7
20 V
0.0225 Ω @ 4.5 V
9 A
Very low on-resistance
Very low capacitance and gate charge
High avalanche ruggedness
Ultra logic level
Applications
Switching applications
Description
This device exhibits low on-state resistance and
capacitance for improved conduction and
switching performance.
Table 1: Device summary
Order code
Marking
Package
Packaging
STS9P2UH7
9L2U
SO-8
Tape and reel
For the P-channel Power MOSFET the actual polarity of the voltages and the current must be
reversed.
SO-8
5
8
4
1


Similar Part No. - STS9P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
Very low on-resistance
15-Mar-2016
More results

Similar Description - STS9P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
Low input capacitance and gate charge
31-Oct-2013
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
Low input capacitance and gate charge
17-Jan-2013
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
Low gate charge and input capacitance
12-Nov-2015
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
Low input capacitance and gate charge
05-Nov-2012
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
Low input capacitance and gate charge
27-Mar-2009
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
Low input capacitance and gate charge
28-Nov-2013
STB85NS04Z STMICROELECTRONICS-STB85NS04Z Datasheet
397Kb / 15P
Low capacitance and gate charge
25-Sep-2006
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
Low input capacitance and gate charge
19-Nov-2014
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
Low gate charge and input capacitance
05-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com