Electronic Components Datasheet Search
  English  ▼

X  

SAF-C164CL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SAF-C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C164CL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SAF-C164CL Datasheet HTML 3Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 4Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 5Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 6Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 7Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 8Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 9Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 10Page - Infineon Technologies AG SAF-C164CL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
3
V2.0, 2001-05
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
• the derivative itself, i.e. its function set, the temperature range, and the supply voltage
• the package and the type of delivery.
For the available ordering codes for the C164CI please refer to the “Product Catalog
Microcontrollers”, which summarizes all available microcontroller variants.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.
Introduction
The C164CI derivatives of the Infineon C166 Family of full featured single-chip CMOS
microcontrollers are especially suited for cost sensitive applications. They combine high
CPU performance (up to 12.5 million instructions per second) with high peripheral
functionality and enhanced IO-capabilities. They also provide clock generation via PLL
and various on-chip memory modules such as program ROM or OTP, internal RAM, and
extension RAM.
Figure 1
Logic Symbol
MCL04869
V
DD
V
SS
XTAL1
XTAL2
Port 0
16 Bit
Port 1
16 Bit
Port 3
9 Bit
Port 4
6 Bit
Port 8
4 Bit
Port 5
8 Bit
RSTIN
RSTOUT
NMI
EA
ALE
RD
WR/WRL
V
AREF VAGND
C164CI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com