Electronic Components Datasheet Search
  English  ▼

X  

SKSL Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSL
Description  Side Push Half-mount Type with 1.6mm Height (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSL Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
242
242
Half-mount type with height of 1.6mm above the
PC board when installed
Side Push Half-mount Type with 1.6mm Height (Surface Mount Type)
SKSL
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Circuit Diagram
2.1
3.2
3.5
4.5
0.5
0.5
2.2
2
2.6
0.8
2.1
1.7
1
5.4
1
2.4
3.9
3.4
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.15
Refer to P.259 for soldering conditions.
1
2
4,400
Japan
Export
Operating force
Operating life
(5mA 5V DC)
Product No.
■ Product Line
Operating direction
Side push
1.6N
2.2N
SKSLLAE010
SKSLLBE010
600,000 cycles
4,400
Minimum order unit(pcs.)
Packing Specifications
Taping
Reel size
Unit:mm
ø380
13.5
2.1
3.2
3.5
4.5
0.5
0.5
2.2
2
2.6
0.8
2.1
1.7
1
5.4
1
2.4
3.9
3.4
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
4,400
44,000
44,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note


Similar Part No. - SKSL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSL ALPS-SKSL Datasheet
798Kb / 3P
Soldering of the frame realizes higher solder strength
More results

Similar Description - SKSL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRH ALPS-SKRH Datasheet
177Kb / 3P
4-direction with Center-push Function (Surface mount type)
SPEF ALPS-SPEF Datasheet
203Kb / 4P
Surface Mount Type Push Switch
logo
KODENSHI_AUK CORP.
SB1316-H KODENSHI-SB1316-H Datasheet
191Kb / 4P
1.6mm(L)횞0.8mm small size surface mount type
logo
ALPS ELECTRIC CO.,LTD.
SKQLLCE012 ALPS-SKQLLCE012 Datasheet
106Kb / 4P
1.8 mm Height Side-pushTM (Surface mount type)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
4-direction with Center-push Function (Surface Mount Type)
SKSC ALPS-SKSC_15 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSN ALPS-SKSN_15 Datasheet
763Kb / 3P
Side Push Mid-mount Type with 1.35mm Height (Surface Mount Type)
SKTG ALPS-SKTG Datasheet
759Kb / 3P
1.55mm Height Side Push Mid-mount (Surface Mount Type)
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
Normal mount & push-push eject type
logo
Molex Electronics Ltd.
5033981892 MOLEX1-5033981892_19 Datasheet
30Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.28mm Height
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com