Electronic Components Datasheet Search
  English  ▼

X  

SKST Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKST
Description  Quiet Type with 0.9mm Stroke (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKST Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKST Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKST Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKST Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
190
190
TACT SwitchTM
List of Varieties
Type
Sharp Feeling Type
Surface Mount
Series
SKTH
SKRP
SKQM
SKQY
SKSU
SKST
SKRA
SKHM
Photo
Features
Compact size High operation force
Compact size
Compact size
Middle travel
—
Water-proof
—
—
—
—
●
—
○
—
Dust-proof
●
—
—
—
●
—
○
—
IP standard
—
—
—
—
67 equivalency
—
67 equivalency
—
Operating
direction
Top push
●
●
●
●
●
●
●
●
Side push
—
—
—
—
—
—
—
—
Dimensions
(mm)
W
3.5
4.2
6
6.1
5.3
8.5
□6.2
6.2
D
3.2
3.2
3.5
3.7
5.4
8.5
6.5
H
1.8/2.5
2.5
4.3/5
2.5
3.85
3.95
3.5/5.2
3.1
Operation
force
coverage
to 1N
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
0.12
0.2
0.25
0.7
0.9
See the relevant pages for
respective product descriptions
0.25
Ground terminal
—
—
—
○
—
—
—
●
Operating temperature range
−40℃ to +90℃
−40℃ to +85℃
Automotive use
●
●
●
●
●
●
○
—
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
25mA 16V DC 50mA 16V DC
50mA 12V DC
50mA 16V DC
50mA 12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation resistance
100MΩ min. 100V DC 1min.
Voltage proof
100V AC 1min.
250V AC 1min.
Durability
Vibration
0 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−40℃ 96h −40℃ 1,000h
−40℃ 96h
−40℃ 1,000h
−40℃ 96h
Dry heat
90℃ 96h
90℃ 1,000h
90℃ 96h
90℃ 1,000h
90℃ 96h
Damp heat
60℃, 90 to
95%RH 96h
60℃, 90 to
95%RH 1,000h 60℃, 90 to 95%RH 96h
60℃, 90 to 95%RH 1,000h
60℃, 90 to
95%RH 96h
Page
227
229
230
231
233
234
235
236
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. ● Indicates applicability to all products in the series, while ○ indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.
NEW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com