Electronic Components Datasheet Search
  English  ▼

X  

STW37N60DM2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW37N60DM2AG
Description  Automotive-grade N-channel 600 V, 0.094 Ω typ., 28 A MDmesh™ DM2 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW37N60DM2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STW37N60DM2AG Datasheet HTML 1Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 2Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 3Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 4Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 5Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 6Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 7Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 8Page - STMicroelectronics STW37N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2015
DocID028243 Rev 1
1/12
This is information on a product in full production.
www.st.com
STW37N60DM2AG
Automotive-grade N-
channel 600 V, 0.094 Ω typ., 28 A
MDmesh™ DM2 Power MOSFET in a TO-247 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STW37N60DM2AG
600 V
0.110
Ω
28 A
210 W
Designed for automotive applications and
AEC-Q101 qualified
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STW37N60DM2AG
37N60DM2
TO-247
Tube
TO-247
1
2
3


Similar Part No. - STW37N60DM2AG

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STW30200C SMC-STW30200C Datasheet
131Kb / 4P
High frequency operation
logo
SMC Diode Solutions Co....
STW30200C SMCDIODE-STW30200C Datasheet
281Kb / 4P
SCHOTTKY RECTIFIER
Rev. A
logo
STMicroelectronics
STW3040 STMICROELECTRONICS-STW3040 Datasheet
270Kb / 10P
High voltage fast-switching NPN power transistor
23-Oct-2008
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
STW30N65M5 STMICROELECTRONICS-STW30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
More results

Similar Description - STW37N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STW48N60DM2 STMICROELECTRONICS-STW48N60DM2 Datasheet
723Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 package
29-Oct-2015
STW50N65DM2AG STMICROELECTRONICS-STW50N65DM2AG Datasheet
768Kb / 12P
Automotive-grade N-channel 650 V, 0.070 Ω typ., 38 A Power MOSFET MDmesh™ DM2 in a TO-247 package
09-Jul-2015
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Jun-2015
STW58N60DM2AG STMICROELECTRONICS-STW58N60DM2AG Datasheet
728Kb / 12P
Automotive-grade N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
20-Jul-2015
STW58N65DM2AG STMICROELECTRONICS-STW58N65DM2AG Datasheet
718Kb / 12P
Automotive-grade N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW65N65DM2AG STMICROELECTRONICS-STW65N65DM2AG Datasheet
402Kb / 12P
Automotive-grade N-channel 650 V, 0.042 Ω typ., 60 A Power MOSFET MDmesh™ DM2 in a TO-247 package
04-Aug-2015
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com