Electronic Components Datasheet Search
  English  ▼

X  

ECMF02-2HSMX6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ECMF02-2HSMX6
Description  ESD protected common mode filter for USB3.0 interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2HSMX6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ECMF02-2HSMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 9Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 10Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 11Page - STMicroelectronics ECMF02-2HSMX6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
ECMF02-2HSMX6
8/17
DocID025079 Rev 2
Figure 11. Typical ESD response to IEC 61000-4-2 +8kV contact
Figure 12. Typical ESD response to IEC 61000-4-2 -8kV contact
10 V/div
20 ns/div
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
56.4 V
26.8 V
19.0 V
12.5 V
1
2
4
3
10 V/div
-60.2 V
-16.0 V
-9.9 V
-6.4 V
20 ns/div
1
2
4
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com