Electronic Components Datasheet Search
  English  ▼

X  

FLC01-200H Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLC01-200H
Description  Fire lighter circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200H Datasheet(HTML) 3 Page - STMicroelectronics

  FLC01-200H Datasheet HTML 1Page - STMicroelectronics FLC01-200H Datasheet HTML 2Page - STMicroelectronics FLC01-200H Datasheet HTML 3Page - STMicroelectronics FLC01-200H Datasheet HTML 4Page - STMicroelectronics FLC01-200H Datasheet HTML 5Page - STMicroelectronics FLC01-200H Datasheet HTML 6Page - STMicroelectronics FLC01-200H Datasheet HTML 7Page - STMicroelectronics FLC01-200H Datasheet HTML 8Page - STMicroelectronics FLC01-200H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID3616 Rev 7
3/11
FLC01
Characteristics
Figure 5. Basic application
Figure 3.
Test current waveform
Figure 4.
Relative variation of breakover
current versus junction
temperature
200ms
10µs
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
Tj (°C)
k = I
(Tj) / I
(25°C)
BO
BO
Rs
Ds
c
D
Th
Z
R
Ic
AC
MAINS
Ic
t
FLC01-200x



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com