Electronic Components Datasheet Search
  English  ▼

X  

SLLB Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SLLB_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
436
Measuring
terminal
Measuring
circuit
5V
5K
+
Type
Switch type
Series
SRBE
SLLB
SLLB5
Small type
Photo
Dimensions
(typical value)
(mm)
W
ー
11.8
9.5
D
ー
8.7
5.5
H
ー
3
2.2
Number of operating shafts
Single-shaft
Shaft material
Resin
Directional resolution
ー
2-direction
Directional operating feeling
(tactile feeling)
With
Without
Lever return mechanism
Without
With
Center-push switch
With
With/Without
With
Encoder
With
Without
Operating temperature range
−10℃ to +60℃
−40℃ to +85℃
−10℃ to +60℃
Operating
life
Operating
life without load
100,000 cycles
100,000 cycles
100,000 cycles
Operating life with load
(at max. rated load)
ー
100,000 cycles
100,000 cycles
Automotive use
ー
ー
ー
Life cycle (availability)
Rating(max.)(Resistive load)
1mA 5V DC
10mA 5V DC
Electrical
performance
Output voltage
1V max. at 1mA 5V DC
(Resistive load)
1V max. at
1mA 5V DC
(Resistive load)
ー
Encoder resolution
6 pluses/360°
ー
Insulation resistance
10MΩ min. 50V DC
100MΩ min. 100V DC
Voltage proof
50V AC for 1min.
100V AC for 1min.
Mechanical
performance
Push operating force
ー
0.65±0.3N
Encoder detent torque
3.5±1.5N
2±1N
2.5±1N
Terminal strength
3±2mN・m
ー
ー
Terminal strength
ー
3N for 1min.
Actuator
strength
Push / pull
directions
50N
Operating
direction
ー
10N
Environmental
performance
Cold
−30℃ 96h
−40℃ 96h
−20℃ 96h
Dry heat
85℃ 96h
Damp heat
40℃, 90 to 95%RH 96h
Page
455
457
459
Switch Type Multi Control Devices Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 461
Switch Type Multi Control Devices Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 462
List of Varieties
Multi Control Devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com