Electronic Components Datasheet Search
  English  ▼

X  

ISO35TDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35TDW
Description  Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35TDW Datasheet(HTML) 2 Page - Texas Instruments

  ISO35TDW Datasheet HTML 1Page - Texas Instruments ISO35TDW Datasheet HTML 2Page - Texas Instruments ISO35TDW Datasheet HTML 3Page - Texas Instruments ISO35TDW Datasheet HTML 4Page - Texas Instruments ISO35TDW Datasheet HTML 5Page - Texas Instruments ISO35TDW Datasheet HTML 6Page - Texas Instruments ISO35TDW Datasheet HTML 7Page - Texas Instruments ISO35TDW Datasheet HTML 8Page - Texas Instruments ISO35TDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ISO35T
SLLSE26D – NOVEMBER 2010 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 14
3
Description ............................................................. 1
8.3
Feature Description................................................. 14
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 16
5
Pin Configuration and Functions ......................... 3
9
Application and Implementation ........................ 19
6
Specifications......................................................... 3
9.1
Application Information............................................ 19
6.1
Absolute Maximum Ratings ...................................... 3
9.2
Typical Application ................................................. 19
6.2
ESD Ratings.............................................................. 4
10
Power Supply Recommendations ..................... 22
6.3
Recommended Operating Conditions ....................... 4
11
Layout................................................................... 22
6.4
Thermal Information .................................................. 4
11.1
Layout Guidelines ................................................. 22
6.5
Power Ratings........................................................... 4
11.2
Layout Example .................................................... 23
6.6
Supply Current and Common Mode Transient
Immunity..................................................................... 5
12
Device and Documentation Support ................. 24
6.7
RS-485 Driver Electrical Characteristics................... 5
12.1
Documentation Support ........................................ 24
6.8
RS-485 Receiver Electrical Characteristics .............. 6
12.2
Community Resources.......................................... 24
6.9
Transformer Driver Characteristics ........................... 6
12.3
Trademarks ........................................................... 24
6.10
RS-485 Driver Switching Characteristics ................ 6
12.4
Electrostatic Discharge Caution ............................ 24
6.11
RS-485 Receiver Switching Characteristics ........... 7
12.5
Glossary ................................................................ 24
6.12
Typical Characteristics ............................................ 8
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 10
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (July 2011) to Revision D
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
VDE standard changed to DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 ...................................................................... 1
Changes from Revision B (June 2011) to Revision C
Page
•
Deleted MIN and MAX values from the tr_D, tf_D, and tBBM specifications in theTransformer Driver Chara table. ................. 6
•
Changed conditions statement from 1.9V to 2.4V; and changed TYP value from 230 to 350 for fSt specification in
Transformer Driver Characteristics table................................................................................................................................ 6
•
Added "D1 and D2 connected to 50-
Ω pull-up resistors" to conditions statement for tr_D, tf_D, and tBBM specifications
in theTransformer Driver Chara table. ................................................................................................................................... 6
Changes from Revision A (March 2011) to Revision B
Page
•
Changed pin 16 From: VCC1 To: VCC2 in the DW Package drawing ....................................................................................... 3
Changes from Original (November 2010) to Revision A
Page
•
Changed the data sheet From: Product Preview To: Production data................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO35T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com