Electronic Components Datasheet Search
  English  ▼

X  

SLLB520200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB520200
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB520200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SLLB520200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB520200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB520200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB520200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
459
Note
For automotive use, please contact us.
Refer to P.461 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
10mA 5V DC/50μA 3V DC
Contact resistance
1Ω max.
Operating force
Lever portion
0.65±0.3N
Push portion
2.5±1N
Travel(Push operation)
0.7mm
Operating life
Without load
100,000 cycles
With load
100,000 cycles(10mA 5V DC)
Lever and Push Operation Type Switch
SLLB5
Compact two-way input device approximately 50% smaller
than our conventional models
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
1,500
3,000
6,000
24
428×413×172
Product Line
Product No.
Actuator
configuration
Push-on switch
Location lug
Minimum order unit(pcs.)
Drawing
No.
Japan
Export
SLLB510100
Mounting knob
integrated
With
With
1,500
6,000
1
SLLB510200
Without
SLLB520100
Mounting knob
With
2
SLLB520200
Without


Similar Part No. - SLLB520200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB520200 ALPS-SLLB520200 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB520200 ETC-SLLB520200 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - SLLB520200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB Datasheet
208Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
Detector Switch ( Lever Type )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com