Electronic Components Datasheet Search
  English  ▼

X  

SPEJ Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEJ
Description  Compact Momentary Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEJ Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPEJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
126
126
Refer to P.138 for soldering conditions.
Two poles and two contact points, Comfortable
momentary operation with click feel
Compact Momentary Type
SPEJ
SPEJ110100
Style
2
1.7
Travel(mm)
Japan
Export
2
500
2,000
Product Line
Positions
Poles
Minimum order unit(pcs.)
Product No.
■ Typical Specifications
Items
Specifications
Rating(max.)
(Resistive load)
0.2A 14V DC
Contact resistance
(Initial/After operating life)
150mΩ max. / 150mΩ max.
Operating forces
3.5±0.7N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.2A 14V DC)
Dimensions
Unit:mm
4
5 6
1
2 3
Circuit Diagram
(Viewed from Direction A)
Recommend Pattern
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
500
1,000
2,000
24
404×397×140
7
1.1
Terminal No.④
Terminal No.⑤
Terminal No.⑥
3.56
Terminal No.③
Terminal No.②
Terminal No.①
Full Stroke Position
2.9
8.4
ø0.9
0
-0.1
ø1
1.5
Terminal No.①-② and Terminal
No.④-⑤ Turnover position
Terminal No.①-③ and
Terminal No.④-⑥ Turnover position
A
Unit:mm


Similar Part No. - SPEJ

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPE-100 HANWHAVISION-SPE-100 Datasheet
248Kb / 2P
1CH H.264 Video Encoder
logo
PREMIER DEVICES, INC.
SPE-1001-25 PDI-SPE-1001-25 Datasheet
49Kb / 1P
SURFACE MOUNT 2-WAY SPLITTER
logo
Hanwha Vision Co., Ltd....
SPE-110 HANWHAVISION-SPE-110 Datasheet
234Kb / 3P
Network Video Encoder
SPE-110N HANWHAVISION-SPE-110N Datasheet
234Kb / 3P
Network Video Encoder
SPE-110P HANWHAVISION-SPE-110P Datasheet
234Kb / 3P
Network Video Encoder
More results

Similar Description - SPEJ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT360 SHARP-PT360 Datasheet
98Kb / 3P
COMPACT TYPE PHOTOTRANSISTOR
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
ALPS ELECTRIC CO.,LTD.
SPEG ALPS-SPEG Datasheet
392Kb / 4P
Hollow Slider Momentary Type Push Switch
logo
Elektron Components Ltd...
MP0042 BULGIN-MP0042 Datasheet
92Kb / 1P
Stainless Steel - Momentary
logo
Grayhill, Inc
4001UL GRAYHILL-4001UL Datasheet
63Kb / 1P
Momentary or Momentary With Positive Feel
logo
ALPS ELECTRIC CO.,LTD.
SPEG ALPS-SPEG_15 Datasheet
947Kb / 3P
Hollow Slider Momentary Type
logo
Grayhill, Inc
400110-09 GRAYHILL-400110-09 Datasheet
213Kb / 1P
Momentary or Momentary With Positive Feel
logo
TDK Electronics
RSEL-20R5W TDK-RSEL-20R5W Datasheet
1Mb / 5P
Compact Multipurpose Type
logo
Schneider Electric
9001KR24GM SCHNEIDER-9001KR24GM Datasheet
159Kb / 5P
Momentary Push Button
Dec 27, 2021
9001KR25BM SCHNEIDER-9001KR25BM Datasheet
152Kb / 5P
Momentary Push Button
Dec 27, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com