Electronic Components Datasheet Search
  English  ▼

X  

ISO1540D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540D
Description  Low-Power Bidirectional I2C Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540D Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1540D Datasheet HTML 17Page - Texas Instruments ISO1540D Datasheet HTML 18Page - Texas Instruments ISO1540D Datasheet HTML 19Page - Texas Instruments ISO1540D Datasheet HTML 20Page - Texas Instruments ISO1540D Datasheet HTML 21Page - Texas Instruments ISO1540D Datasheet HTML 22Page - Texas Instruments ISO1540D Datasheet HTML 23Page - Texas Instruments ISO1540D Datasheet HTML 24Page - Texas Instruments ISO1540D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ISO1541
SCL1
SDA1
GND2
GND1
VCC2
VCC1
8
7
6
5
4
3
2
1
Side 1
Side 2
0.1PF
1k:
1k:
1k:
0.1PF
1k:
2mm max
2mm max
SDA2
SCL2
ISO1540
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
`
8
7
6
5
4
3
2
1
Side 1
Side 2
0.1PF
1k:
1k:
1k:
0.1PF
1k:
2mm max
2mm max
ISO1540, ISO1541
www.ti.com
SLLSEB6C – JULY 2012 – REVISED JUNE 2015
Typical Application (continued)
10.2.2 Detailed Design Procedure
The power supply capacitor of 0.1-µF must be placed as close to the power supply pins as possible.
Recommended placement of capacitors must be 2-mm maximum from input and output power supply pins
(VCC1 and VCC2).
Maximum load permissible on input SDA1 and SCL1 lines is
≤ 40 pF and on output lines SDA2 and SCL2 is ≤
400 pF.
Minimum pullup resistors on input SDA1 and SCL1 lines to VCC1 must be chosen in such a way that input
current drawn is
≤ 3.5 mA. Minimum pullup resistors on input SDA2 and SCL2 lines to VCC2 must be chosen in
such a way that output current drawn is
≤ 35 mA. Whereas maximum pullup resistors on input lines (SDA1 and
SCL1) to VCC1 and on output lines (SDA1 and SCL1) to VCC2, will depend on load and rise time requirements
on respective lines.
Figure 31. Typical ISO1540 Circuit Hookup
Figure 32. Typical ISO1541 Circuit Hookup
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com