Electronic Components Datasheet Search
  English  ▼

X  

SPPB320100 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPB320100
Description  General-purpose Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPB320100 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  SPPB320100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SPPB320100 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12
12
List of Varieties
Detector Switches
Series
General-purpose Type
SPPW8
SSCQ
SSCM
SPVL
SPPB
Photo
Operation type
One-way
Two-way
Two-direction type
Two-way
Three-way
One-way
Two-way
Dimensions
(mm)
W
5
3.8
5
5.55
6.3
D
4
3.6
4
6.6
3
H
0.9
1.5
1
4.9
Operating temperature range
−10℃ to +60℃
−40℃ to +85℃
Automotive use
—
—
—
●
●
Life cycle (availability)
Poles / Positions
1/1
1 / Two-direction type:
2-position each side
1/2
1/1
Rating(max.)
(Resistive load)
0.1A 30V DC
1mA 5V DC
0.1A 30V DC
Rating(min.)
(Resistive load)
100μA 3V DC
50μA 3V DC
Durability
Operating life
without load
100,000cycles
2Ω max.
50,000cycles 5Ω max.
50,000cycles
2Ω max.
Operating life
with load
Rating(max.)
(Resistive load)
100,000cycles
2Ω max.
50,000cycles 5Ω max.
50,000cycles
2Ω max.
Electrical
performance
Initial contact
resistance
1Ω max.
2Ω max.
1Ω max.
Insulation
resistance
100MΩ min. 100V DC
Voltage proof
100V AC for 1 minute
Mechanical
performance
Terminal
strength
3N for 1minute
0.5N for 1minute
1N for 1minute
3N for 1minute
Actuator
strength
10N
1N
2N
5N
10N
Environmental
performance
Cold
−20℃ 96h
−40℃ 500h
Dry heat
85℃ 96h
85℃ 500h
Damp heat
40℃, 90 to 95%RH 96h
60℃, 90 to 95%RH 500h
Operation force
0.3N max.
0.35N max.
Page
29
31
32
33
34
Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71
Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72
Note
●
Indicates applicability to all products in the series.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com