Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CF Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7240CF
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CF Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7240CF_15 Datasheet HTML 17Page - Texas Instruments ISO7240CF_15 Datasheet HTML 18Page - Texas Instruments ISO7240CF_15 Datasheet HTML 19Page - Texas Instruments ISO7240CF_15 Datasheet HTML 20Page - Texas Instruments ISO7240CF_15 Datasheet HTML 21Page - Texas Instruments ISO7240CF_15 Datasheet HTML 22Page - Texas Instruments ISO7240CF_15 Datasheet HTML 23Page - Texas Instruments ISO7240CF_15 Datasheet HTML 24Page - Texas Instruments ISO7240CF_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
V O
Input
Generator
50 W
OUT
DISABLE
VI
IN
0 V
VO
V I
50 %
50 %
t wake
VO
Input
Generator
50 W
OUT
DISABLE
V O
V I
IN
0 V
C L
wake
t
( Note A)
( Note A )
C L
( Note B )
(Note B )
VCC2
0 V
0 V
0 V
0 V
VI
CTRL
3 V
CTRL
3 V
VCC
VCC
V
/2
CC
VCC
V
/2
CC
NOTE: Which ever test yields the longest time is used in this data sheet
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
www.ti.com
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
Parameter Measurement Information (continued)
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 11. Failsafe Delay Time Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 12. Wake Time From Input Disable Test Circuit and Voltage Waveforms
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com