Electronic Components Datasheet Search
  English  ▼

X  

SPPH430100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH430100
Description  2.2mm-travel Medium-sized Vertical Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH430100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPH430100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH430100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH430100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
129
129
Easy to use mid-size vertical type push switch
2.2mm-travel Medium-sized Vertical Type
SPPH4
Style
PC board mounting hole dimensions
(Viewed from the direction A)
SPPH430200
Japan
Export
With
Without
With
2
Non shorting
Latching
Momentary
Latching
Momentary
SPPH410100
SPPH410200
SPPH420100
SPPH430100
Location lug
100
6,000
Minimum order unit(pcs.)
Poles
Changeover
timing
Straight
Snap-in
Terminal
type
Operation
Product No.
Product Line
PC board
Mounting
method
2.2
Travel
(mm)
3
Total travel
(mm)
Dimensions drawing is for type with location lugs.
Note
3
2.5 2.5
ø1.2 hole
6-ø0.9 hole
For location lug
Thickness of PC board t=1.6mm
2.5
6.5
4
3.3
0.3
5.4
PC board mounting
surface
Location lug
(0.2)
4
3.3
2.5
8.5
0.5
2.5
2.5
3
Terminal No.
Terminal No.
Terminal No.
A
ø1
1
2
3
Unit:mm
12 3
4 5 6
(Common)
(Common)
Circuit Diagram(Viewed from Direction A)
0.3
5.4
Straight terminal
0.3
5.4
Snap-in terminal
Terminal Configuration
Unit:mm
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 30V DC / 50BA 3V DC
Contact resistance
(Initial performance)
100mΩ max.
Operating force
2±1N
Operating life with load
10,000 cycles(0.1A 30V DC)
Dimensions
Refer to P.138 for soldering conditions.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
1,200
6,000
400×270×290
Packing Specifications
Bulk
With boss


Similar Part No. - SPPH430100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH430100 ALPS-SPPH430100 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
More results

Similar Description - SPPH430100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
1mm-travel Compact-sized Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com