Electronic Components Datasheet Search
  English  ▼

X  

STB10N65K3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB10N65K3
Description  N-channel 650 V, 0.75 Ω typ., 10 A SuperMESH3™ Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N65K3 Datasheet(HTML) 4 Page - STMicroelectronics

  STB10N65K3 Datasheet HTML 1Page - STMicroelectronics STB10N65K3 Datasheet HTML 2Page - STMicroelectronics STB10N65K3 Datasheet HTML 3Page - STMicroelectronics STB10N65K3 Datasheet HTML 4Page - STMicroelectronics STB10N65K3 Datasheet HTML 5Page - STMicroelectronics STB10N65K3 Datasheet HTML 6Page - STMicroelectronics STB10N65K3 Datasheet HTML 7Page - STMicroelectronics STB10N65K3 Datasheet HTML 8Page - STMicroelectronics STB10N65K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STB10N65K3, STF10N65K3, STFI10N65K3, STP10N65K3
4/21
DocID15732 Rev 4
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
650
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 650 V
VDS = 650 V, TC=125 °C
1µA
50
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 100 µA
3
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 3.6 A
0.75
1
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
1180
-
pF
Coss
Output capacitance
-
125
-
pF
Crss
Reverse transfer
capacitance
-14
-
pF
Coss eq.
Equivalent output
capacitance
VDS = 0 to 520 V, VGS = 0
-
77
-
pF
RG
Intrinsic gate
resistance
f=1 MHz, ID=0
-
3
-
Ω
Qg
Total gate charge
VDD = 520 V, ID = 7.2 A,
VGS = 10 V
(see Figure 18)
-42
-
nC
Qgs
Gate-source charge
-
7.4
-
nC
Qgd
Gate-drain charge
-
23
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
Turn-on delay time
VDD = 310 V, ID = 3.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17)
-
14.5
-
ns
tr
Rise time
-
14
-
ns
td(off)
Turn-off-delay time
-
44
-
ns
tf
Fall time
-
35
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com