Electronic Components Datasheet Search
  English  ▼

X  

SPVL110100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVL110100
Description  Low-profile Tri-directional Operation Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVL110100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVL110100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVL110100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVL110100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33
33
SPVL Low-profile Tri-directional Operation Type
Flexible and thin 1mm height detector switch
with a large operational range of 180 degrees
Dimensions drawing is for type with location lugs.
Notes
Unit:mm
Dimensions
1
3
2.7
2.8
3.9
(C0.4)
1.9
2-ø1.1
hole
Style
PC board mounting hole and land dimensions
(Viewed from direction A)
3
4
2
1
Terminal Layout
(Viewed from Direction A)
2
1
3
4
(Common)
(Dummy)
Circuit Diagram
1
Refer to P.71 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
2Ωmax. / 5Ωmax.
Operating force
0.35N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(1mA 5V DC)
Poles
1
1
Positions
With
Without
Location lug
20,000
5,000
Minimum order unit(pcs.)
For PC board
(Reflow)
Terminal type
SPVL110100
SPVL120100
Product No.
Product Line
Japan
Export
With boss
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
5,000
10,000
20,000
16
417×409×139


Similar Part No. - SPVL110100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVL110100 ALPS-SPVL110100 Datasheet
218Kb / 3P
Low-profile Tri-directional Operation Type
More results

Similar Description - SPVL110100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ717W80RA PANASONIC-LNJ717W80RA Datasheet
37Kb / 1P
TSS Tri-Color Type
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SPVL ALPS-SPVL Datasheet
218Kb / 3P
Low-profile Tri-directional Operation Type
SPVN ALPS-SPVN Datasheet
236Kb / 4P
Low-profile Two-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
Low-profile One-way Operation Type
logo
Anaren Microwave
DC0710J5020AHF ANAREN-DC0710J5020AHF Datasheet
240Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
DC1722J5010AHF ANAREN-DC1722J5010AHF Datasheet
247Kb / 8P
Ultra Low Profile 0805 10dB Directional Coupler
DC2337J5020AHF ANAREN-DC2337J5020AHF Datasheet
249Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
DC4759J5020AHF ANAREN-DC4759J5020AHF Datasheet
249Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
logo
ALPS ELECTRIC CO.,LTD.
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com