Electronic Components Datasheet Search
  English  ▼

X  

STD7NM64N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD7NM64N
Description  Low input capacitance and gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7NM64N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD7NM64N Datasheet HTML 3Page - STMicroelectronics STD7NM64N Datasheet HTML 4Page - STMicroelectronics STD7NM64N Datasheet HTML 5Page - STMicroelectronics STD7NM64N Datasheet HTML 6Page - STMicroelectronics STD7NM64N Datasheet HTML 7Page - STMicroelectronics STD7NM64N Datasheet HTML 8Page - STMicroelectronics STD7NM64N Datasheet HTML 9Page - STMicroelectronics STD7NM64N Datasheet HTML 10Page - STMicroelectronics STD7NM64N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID025081 Rev 1
7/16
STD7NM64N
Electrical characteristics
16
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized VDS vs temperature
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM06481v1
Eoss
1.0
0.5
0
0
100
VDS(V)
(µJ)
400
200 300
1.5
500
600
2.0
2.5
AM06482v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID=250µA
AM06483v1
RDS(on)
1.9
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.7
2.1
AM06484v1
ID=2.5A
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
ID=1mA
1.08
1.10
AM15982v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com