Electronic Components Datasheet Search
  English  ▼

X  

STFU18N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFU18N65M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU18N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFU18N65M2 Datasheet HTML 3Page - STMicroelectronics STFU18N65M2 Datasheet HTML 4Page - STMicroelectronics STFU18N65M2 Datasheet HTML 5Page - STMicroelectronics STFU18N65M2 Datasheet HTML 6Page - STMicroelectronics STFU18N65M2 Datasheet HTML 7Page - STMicroelectronics STFU18N65M2 Datasheet HTML 8Page - STMicroelectronics STFU18N65M2 Datasheet HTML 9Page - STMicroelectronics STFU18N65M2 Datasheet HTML 10Page - STMicroelectronics STFU18N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STFU18N65M2
Electrical characteristics
DocID027562 Rev 2
7/12
Figure 8: Capacitance variations
Figure 9: Output capacitance stored energy
Figure 10: Normalized gate threshold voltage vs
temperature
Figure 11: Normalized on-resistance vs temperature
Figure 12: Source-drain diode forward
characteristics
Figure 13: Normalized V(BR)DSS vs temperature
C
1000
100
10
1
0.1
10
100
V
DS (V)
(pF)
1
C
iss
C
oss
C
rss
GIPG161220141520ALS
1
2
3
4
5
6
0
0
100
V
DS (V)
400
200
300
500
600
E
OSS
(µJ)
GIPG161220141616ALS
0.6
0.7
0.8
0.9
1.0
1.1
V
GS(th)
-75
T
J(°C)
(norm)
-25
75
25
125
I
D = 250 µ A
GIPG161220141528ALS
0.2
0.6
1.0
1.4
1.8
2.2
R
DS(on)
-75
T
J(°C)
(norm)
-25
75
25
125
V
GS = 10 V
GIPG161220141538ALS
I
SD (A)
0.4
0.6
0.8
1.0
1.2
T
J=150°C
T
J
=-50°C
T
J=25°C
V
SD
(V)
0
2
4
6
8
10
12
GIPG121620141553ALS
-75
T
J(°C)
-25
75
25
125
0.88
0.92
0.96
1.00
1.04
1.08
V
(BR)DSS
(norm)
I
D = 1 m A
GIPG121620141601ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com