Electronic Components Datasheet Search
  English  ▼

X  

SPVQ4H Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ4H
Description  Water-proof Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ4H Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ4H Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ4H Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ4H Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
55
55
Water-proof Type
SPVQ4H
Contributes high contact reliability at micro-current range
1. The length of lead wire is 250mm. For length modification, please contact us.
2. This unit cannot be used in water (IP67 rating).
Notes
①
②
③
Circuit Diagram
6
9.2
5.4
0.4
Total travel position
Operating force measurement position
Terminal No.①-③ ON Starting point
Free position
Terminal No.①
Terminal No.③
Terminal No.②
R2
A
13
5.8
2.6
3.4
11.9
Terminal No.①-② OFF Starting point
Free position
6
9.2
R2
5.8
2.6
Total travel position
3.4
Terminal No.②
Terminal No.①
Operating force measurement position
Terminal No.①-② ON Starting point
5.4
5
0.4
13
A
5.4
0.4
A
13
6
9.2
R2
5.8
2.6
3.4
11.9
Total travel position
Operating force measurement position
Free position
Terminal No.①
Terminal No.③
Terminal No.①-③ ON Starting point
Unit:mm
Style
Style
Dimensions
No.
No.
1
3
2
Product Line
Product No.
With wire(downwards)
With wire(downwards)N/O Circuit
With wire(downwards)N/C Circuit
Terminal type
Actuator
Operating part
shape
Non
shorting
Change
over timing
SPVQ4H1200
SPVQ4H1300
1
Drawing
No.
2
SPVQ4H1400
3
Japan
Export
Minimum order unit(pcs)
180
720
Poles
1
2
1
Positions
No.1
①
②
No.3
①
③
No.2
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 1mA 5V DC
Contact resistance
(Initial/After operating life)
500mΩ max. / 1Ω max.
Operating force
3N max.
Operating life
Without load
300,000cycles
With load
300,000cycles(0.1A 12V DC)
Packing Specifications
Bulk
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
180
720
555×375×223


Similar Part No. - SPVQ4H

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ440300 ALPS-SPVQ440300 Datasheet
149Kb / 2P
Water-proof Type
SPVQ440400 ALPS-SPVQ440400 Datasheet
149Kb / 2P
Water-proof Type
More results

Similar Description - SPVQ4H

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com