Electronic Components Datasheet Search
  English  ▼

X  

SPVQ910201 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ910201
Description  Water-proof Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ910201 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ910201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ910201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ910201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
65
65
SPVS Water-proof Type
Two-pole simultaneous changeover switch that enables
stable contact not dependent on operation position or speed
SPVQ9
4
8.4
Detail of A
15.4
0.6
4.08
6.08
3.04
(3.325)
0.4
2.62
2.335
Terminal No.
Terminal No.
Terminal No.
Terminal No.
Terminal No.
Terminal No.
Terminal No. -
&
-
OFF position
Terminal No. -
&
-
ON position
(the top of the plunger)
Terminal No. -
&
-
ON position
Terminal No. -
&
-
OFF position
(the top of the plunger)
Total travel position
(the top of the plunger)
Free position
(the top of the plunger)
A
Dimensions
Unit:mm
Style
Product Line
Product No.
For PC board
Terminal type
Push
Operating part shape
Non shorting
Change over timing
SPVQ910201
Minimum order unit(pcs)
Export
Japan
6,000
1,500
Poles
2
2
Positions
Circuit Diagram
①
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
50mA 26V DC / 50μA 5V DC
Contact resistance
(Initial / After operating life)
75mΩ max. / 200mΩ max.
Operating force
1±0.5N
Operating life
Without load
300,000cycles
With load
300,000cycles(50mA 26V DC)
This unit cannot be used in water (IP67 rating, except for terminal).
Note
Refer to P.71 for soldering conditions.
4
8.4
Detail of A
15.4
0.6
4.08
6.08
3.04
(3.325)
0.4
2.62
2.335
Terminal No.
Terminal No.
Terminal No.
Terminal No.
Terminal No.
Terminal No.
Terminal No. -
&
-
OFF position
Terminal No. -
&
-
ON position
(the top of the plunger)
Terminal No. -
&
-
ON position
Terminal No. -
&
-
OFF position
(the top of the plunger)
Total travel position
(the top of the plunger)
Free position
(the top of the plunger)
A
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,500
6,000
540×360×270


Similar Part No. - SPVQ910201

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
941Kb / 6P
Water-proof Type
SPVQ111400 ALPS-SPVQ111400 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111500 ALPS-SPVQ111500 Datasheet
225Kb / 5P
Water-proof Type
More results

Similar Description - SPVQ910201

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com