Electronic Components Datasheet Search
  English  ▼

X  

SPVR120100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVR120100
Description  Low-profile Lever Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVR120100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVR120100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVR120100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVR120100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
26
26
Low-profile, 1.2mm height, long travel type
Low-profile Lever Type
SPVR
Dimensions drawing is for type with location lugs.
Note
Product Line
Poles
1
1
Positions
1.93
Total travel(mm)
For PC board
(Reflow)
Terminal type
With
Without
Location lug
Product No.
SPVR110100
SPVR120100
2,500
10,000
Minimum order unit(pcs)
Japan
Export
3
4
2
1
Terminal Layout
(Viewed from Direction A)
3
2
4
1
Circuit Diagram
Unit:mm
(0.31)
1.72
A
0.6
0.95
R0.3
Center of rotation
Total travel position
(2.98)
2
ON starting position
Terminal No.1
Frame
1.05
4.2
0.2
2.2
4-0.5
ø0.6
4
Style
PC board mounting hole and land dimensions
(Viewed from direction A)
0.8
0.8
0.2
2.2
2
Dimensions
Refer to P.71 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 100BA 3V DC
Contact resistance
(Initial / After operating life)
3Ω max. / 5Ω max.
Operating force
0.35N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(1mA 5V DC)
With boss
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
2,500
5,000
10,000
16
417×409×139


Similar Part No. - SPVR120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVR120100 ALPS-SPVR120100 Datasheet
315Kb / 3P
Low-profile Lever Type
More results

Similar Description - SPVR120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVR ALPS-SPVR Datasheet
315Kb / 3P
Low-profile Lever Type
logo
Japan Aviation Electron...
FI-X30C2EL JAE-FI-X30C2EL Datasheet
132Kb / 1P
CABLE SIDE LEVER TYPE
logo
ALPS ELECTRIC CO.,LTD.
SSCN ALPS-SSCN Datasheet
843Kb / 3P
Water-proof Lever Type
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
Detector Switch ( Lever Type )
SSS-100-T42 SHINMEI-SSS-100-T42 Datasheet
38Kb / 2P
Lever-type Detector Switches
SW1AB-252S SHINMEI-SW1AB-252S Datasheet
220Kb / 5P
Lever-type Detector Switches
SW1AB-260-10T28 SHINMEI-SW1AB-260-10T28 Datasheet
113Kb / 3P
Lever-type Detector Switches
SW1AB-350 SHINMEI-SW1AB-350 Datasheet
125Kb / 3P
Lever-type Detector Switches
SW1AB-482-T50 SHINMEI-SW1AB-482-T50 Datasheet
551Kb / 2P
Lever-type Detector Switches
SW-162-2 SHINMEI-SW-162-2 Datasheet
790Kb / 2P
Lever-type Detector Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com