Electronic Components Datasheet Search
  English  ▼

X  

STL3N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL3N10F7
Description  N-channel enhancement mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL3N10F7 Datasheet HTML 3Page - STMicroelectronics STL3N10F7 Datasheet HTML 4Page - STMicroelectronics STL3N10F7 Datasheet HTML 5Page - STMicroelectronics STL3N10F7 Datasheet HTML 6Page - STMicroelectronics STL3N10F7 Datasheet HTML 7Page - STMicroelectronics STL3N10F7 Datasheet HTML 8Page - STMicroelectronics STL3N10F7 Datasheet HTML 9Page - STMicroelectronics STL3N10F7 Datasheet HTML 10Page - STMicroelectronics STL3N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID025948 Rev 2
7/13
STL3N10F7
Electrical characteristics
13
Figure 8. Capacitance variations
Figure 9. Normalized V(BR)DSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
400
300
200
100
0
40
VDS(V)
(pF)
20
500
60
Ciss
Coss
Crss
80
0
GIPG200120141330FSR
V(BR)DSS
1.0
0.98
0.96
-75
TJ(°C)
(norm)
-25
75
25
125
1.02
1.04
ID= 250µA
GIPG210120141040FSR
VGS(th)
0.8
0.7
0.6
-75
TJ(°C)
(norm)
-25
1.1
75
25
125
0.9
1
ID= 250µA
GIPG210120141021FSR
RDS(on)
1.3
0.9
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
1.7
VGS= 10 V
GIPG210120141030FSR
VSD
0.5
1.5
ISD(A)
(V)
1
2
2.5
0.4
0.6
0.8
TJ=-55°C
TJ=175°C
TJ=25°C
1.0
1.2
GIPG210120141051FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com