Electronic Components Datasheet Search
  English  ▼

X  

SSAJ Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAJ
Description  Compact type with 0.7mm body height
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAJ Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAJ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
75
75
Compact type with 0.7mm body height
SSAJ 0.7(H)mm, 1.4mm-travel Surface Mount Type
Minimum order unit(pcs.)
SSAJ120100
Japan
Export
Soldering
Operating section
directions
Poles
Positions
Products No.
Travel
(mm)
SSAJ110100
Changeover
timing
Location lug
Product Line
Reflow
Horizontal
1
2
1.4
Not specified
With
Without
20,000
5,000
Drawing
No.
1
2
Refer to P111 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
10mA 5V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
300mΩ max. / 500mΩ max.
Operating force
1.5±1N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(10mA 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
5,000
10,000
20,000
16
417×409×139


Similar Part No. - SSAJ

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
Self Return Slide Switches
logo
Littelfuse
SSA LITTELFUSE-SSA Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results

Similar Description - SSAJ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
logo
STANLEY ELECTRIC CO.,LT...
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
1608 (h=0.7mm) Type, Milky White resin
logo
SHINMEI ELECTRIC CO., L...
SSS-32MD-T9 SHINMEI-SSS-32MD-T9 Datasheet
219Kb / 5P
Body height 2.45mm, Compact-sized Surface-mounting Type Encoders
SSS-60MD SHINMEI-SSS-60MD Datasheet
81Kb / 3P
Body height 1.6mm, Compact-sized Surface-mounting Type Rotary-Switches
TSW-3 SHINMEI-TSW-3 Datasheet
321Kb / 8P
Body Height 1.5mm, Compact-sized Double Action Type Tactile Switches
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
TSW-15 SHINMEI-TSW-15 Datasheet
182Kb / 4P
Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
TSW-24 SHINMEI-TSW-24 Datasheet
109Kb / 4P
Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com