Electronic Components Datasheet Search
  English  ▼

X  

AED Datasheet(PDF) 2 Page - XP Power Limited

Part # AED
Description  Single Outputs from 5 V to 48 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AED Datasheet(HTML) 2 Page - XP Power Limited

  AED Datasheet HTML 1Page - XP Power Limited AED Datasheet HTML 2Page - XP Power Limited AED Datasheet HTML 3Page - XP Power Limited AED Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.33
(110)
0.79
(20)
1.97 (50)
IEC320-C8
0.47
(12.00)
AED36
Models and Ratings
Output Power
Maximum
Output Voltage
Nominal
Output Current
Maximum
Load
Regulation(1)
Model
Number
20 W
5.0 V
4.00 A
±6%
AED36US05
27 W
9.0 V
3.00 A
±5%
AED36US09
30 W
12.0 V
2.50 A
±5%
AED36US12
32 W
13.5 V
2.40 A
±5%
AED36US13
36 W
15.0 V
2.40 A
±3%
AED36US15
36 W
18.0 V
2.00 A
±2%
AED36US18
36 W
24.0 V
1.50 A
±2%
AED36US24
36 W
48.0 V
0.75 A
±2%
AED36US48
Mechanical Details
Notes
1. Load regulation is measured from 60% to full load and from 60% to 20% load (60% ±40% full load).
2. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
Weight:
0.42 lbs (190 g) approx.
Power Cord Order Part:
UK -
UK-MAINS-8
European -
EU-MAINS-8
US -
US-MAINS-8
Notes
All dimensions shown in inches (mm)
Output connector is 5.5mm dia. outer barrel, inner dia. is 2.5mm with a center + and outer shell - polarity.
Optional output connectors available.
Output cable is 48” (1220mm) approx.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com