Electronic Components Datasheet Search
  English  ▼

X  

AEP Datasheet(PDF) 1 Page - XP Power Limited

Part # AEP
Description  Continous Short Circuit Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEP Datasheet(HTML) 1 Page - XP Power Limited

  AEP Datasheet HTML 1Page - XP Power Limited AEP Datasheet HTML 2Page - XP Power Limited AEP Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
625 Watts
•
Universal Input 90264 VAC
•
Continous Short Circuit Protection
•
EN550022 Class B
•
Low Cost
•
6, 15 and 25 Watt Versions
•
Nonstandard Outputs Available
•
3 Year Warranty
AEP Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.5/0.25 A max at 115/230 VAC (6 W & 15 W)
0.7/0.3 A at 115/230 VAC (25 W)
Inrush Current
• 15/30 A max at 115/230 VAC (6 W)
25/50 A max at 115/230 VAC (15 W & 25 W)
Power Factor
• Meets EN61000-3-2, Class A
Output
Output Voltage
• See tables
Initial Set Accuracy
• See tables
Minimum Load
• No minimum load requirement
Start Up Delay
• 6 W 100 ms,
15 W 270 ms,
25 W 280 ms
Hold Up Time
• 10 ms typical at 115 VAC,
60 ms typical at 230 VAC
Line Regulation
• See tables
Load Regulation
• See tables
Ripple & Noise
• 1 % pk-pk max (see note 2)
Overvoltage Protection • 125% typical
Overload Protection
• Trip and restart (Hiccup mode)
Short Circuit Protection • Constant current (6 W)
Continuous (auto recovery) (15 W & 25 W)
Temp. Coefficient
• ±0.05%/°C
xppower.com
General
Efficiency
• Typically 67% for 6 W,
75% for 15 W,
80% for 25 W
Isolation
• 3000 VAC Input to Output
Switching Frequency
• 30-200 kHz (6 W)
30-35 kHz typical (15 W & 25 W)
Power Density
• 0.75 W/in3 (6W), 1.87 W/in3 (15 W)
1.88 W/in3 (25 W)
MTBF
• >200 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature • 0 °C to +60 °C, derate linearly from +40 °C
at 100% load to 60% load at +60 °C (6 W
& AEP15 5 V-13.6 V), 50% load at 60 °C
(25 W & AEP15 15 V-24 V)
Storage Temperature
• -20 ˚ C to +85 ˚ C
Operating Humidity
• 93% RH, non-condensing
Operating Altitude
• 2000 m
EMC & Safety
Emissions
• EN55022 Class B conducted and radiated
Harmonic Currents
• EN61000-3-2 Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria B
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria B
Surge
• EN61000-4-5, Installation Class 2,
Perf Criteria B
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria B
Dips & Interruptions
• EN61000-4-11, 5 % UT 10 ms, Perf
Criteria B, 70 % UT 500 ms,
Perf Criteria C
Safety Approvals
• EN60950, UL1950,
CSA C22.2 No.234 cUL


Similar Part No. - AEP

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AEP PANASONICBATTERY-AEP Datasheet
216Kb / 9P
EP RELAYS
logo
Weidmuller
AEP 2T 4 WEIDMULLER-AEP 2T 4 Datasheet
127Kb / 2P
A-series
05 May 2020 07:00:42
logo
Allied Components Inter...
AEP-108SI ALLIED-AEP-108SI Datasheet
337Kb / 1P
EP5 ADSL Transformer
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
AUDIO TRANSFORMER
AEP-199SI ALLIED-AEP-199SI Datasheet
367Kb / 1P
EP10 POWER TRANSFORMER
More results

Similar Description - AEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
SHORT CIRCUIT PROTECTION
Jul-2003
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
Short circuit protection
10-Mar-2016
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
Short circuit protection
10-Mar-2014
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
Short Circuit Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com