Electronic Components Datasheet Search
  English  ▼

X  

SSSF025100 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSF025100
Description  Large-size general purpose type well established in various fields
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSF025100 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSF025100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSF025100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSF025100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSF025100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSF025100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSF025100 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
105
105
SSSF/8.5(H)mm, 2mm-travel Type
Style
15.3
22
6-ø0.7 hole
1.5
1.5
8
Travel
PC board
mounting face
Terminal No. 1
Operating force with detent : 2.5N
2
22
15.5
0.5
A
r
: shaft length
14.5
7
2.5
0.35
R
R
-1
2-pole, 2-position
15.3
22
10-ø0.7 hole
1.5
1.5
22
9
Travel
2
2
ab c
PC board
mounting face
Terminal No. 1
22 22
15.5
0.5
Operating force with detent :
b J a
b J c
3N
}
}
2.2N
a J b
c J b
A
r
: shaft length
14.5
7
2.5
0.35
R
R
-1
2-pole, 3-position
22
12-ø0.7 hole
1.5
1.5
22
2
17.3
10
Travel
PC board
mounting face
Terminal No.
Operating force with detent : 2.5N
2
22
17.5
22 2
0.5
1
7
2.5
0.35
R
R
-1
A
r
: shaft length
16.5
4-pole, 2-position
No.
PC board mounting hole dimensions
(Viewed from direction A)
15.3
22
5-ø0.7 hole
1.5
1.5
22
7
Travel
2
2
ab c
PC board
mounting face
Terminal No.1
22 22
15.5
Operating force with detent :
2N
b J a
b J c 3N
}
}
a J b
c J b
0.5
A
0.35
1.25
7
R
R
-1
r
: shaft length
14.5
1-pole, 3-position
6
Travel
PC board
mounting face
Terminal No. 1
Operating force with detent : 2.5N
2
22
15.5
0.5
A
0.35
1.25
7
R
R
-1
r
: shaft length
14.5
1-pole, 2-position
15.3
22
3-ø0.7 hole
1.5
1.5
Horizontal Actuator Type
Dimensions
Unit:mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com