Electronic Components Datasheet Search
  English  ▼

X  

SSSF040800 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSF040800
Description  Large-size general purpose type well established in various fields
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSF040800 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSF040800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSF040800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSF040800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSF040800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSF040800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSF040800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
104
104
8.5(H)mm, 2mm-travel Type
SSSF
PC board mounting hole dimensions
(Viewed from direction A)
7
}
Operating force with detent :
2.2N
bJ a
bJ c
r
: shaft length
14.5
3N
Travel
PC board
mounting face
Terminal No.1
2
0.5
22
15.5
0.35
2.5
22
2
a b c
}
a J b
c J b
A
15.3
22
10-ø0.7 hole
1.5
1.5
22
4
2-pole, 3-position
15.5
14.5
Travel
PC board
mounting face
Terminal No.1
2
22
7
0.35
2.5
0.5
Operating force with detent : 2.5N
A
r
: shaft length
3
2-pole, 2-position
15.3
22
6-ø0.7 hole
1.5
1.5
Dimensions
Unit:mm
Style
No.
Operating force with detent :
2.2N
b J a
b J c 3N
Travel
PC board
mounting face
Terminal No. 1
2
7
1.25
0.35
0.5
22
15.5
22
2
a b c
}
}
a J b
c J b
A
r
: shaft length
14.5
15.3
22
5-ø0.7 hole
1.5
1.5
22
2
1-pole, 3-position
Travel
PC board
mounting face
Terminal No.1
Operating force with detent : 2.5N
2
22
15.5
0.5
A
7
1.25
0.35
r
: shaft length
14.5
1
1-pole, 2-position
15.3
22
3-ø0.7 hole
1.5
1.5
Vertical Actuator Type
17.5
7
0.35
2.5
PC board
mounting face
Terminal No. 1
Operating force with detent : 2.5N
2
22 22 2
0.5
A
Travel
16.5
r
: shaft length
17.3
2
12-ø0.7 hole
1.5
1.5
22
2 2
5
4-pole, 2-position



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com