Electronic Components Datasheet Search
  English  ▼

X  

SSSF112500 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSF112500
Description  Large-size general purpose type well established in various fields
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSF112500 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSSF112500 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSF112500 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
106
106
c
12
3
Circuit Diagram(Viewed from Direction A)
1-pole, 2-position
Drawing No.1, 6
cc
12 34 5
1-pole, 3-position
Drawing No.2, 7
c
c
12 3
456
2-pole, 2-position
Drawing No.3, 8
cc
cc
1 234 5
678 9 !0
2-pole, 3-position
Drawing No.4, 9
c
c
c
c
1 2 34 56
78 9
!11!2
!0
4-pole, 2-position
Drawing No.5, 10
90˚
2.5
0.05
0.3
0.6
0.6
0.6
0.3
3
0.05
Actuator Configuration
Unit:mm
Thickness of PC board t=1.6
1.5
A
Shape of Frame Leg
Unit:mm
1 - 2
1 - 3
2 - 2
2 - 3
4 - 2
15.5
15.5
17.5
17.5
A
Pole - position
Vertical
Horizontal
8.5(H)mm, 2mm-travel Type
SSSF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com